Moteur de recherche de fiches techniques de composants électroniques |
|
CX0603MRX7R7BB4 Fiches technique(PDF) 9 Page - Continental Device India Limited |
|
CX0603MRX7R7BB4 Fiches technique(HTML) 9 Page - Continental Device India Limited |
9 / 16 page Phycomp Product specification Surface-mount ceramic EMI filter capacitors X2Y® Series 2006 Nov.21 V.11 9 www.yageo.com ORDERING INFORMATION Components may be ordered by using Yageo part number. Table 2 TC CAPACITANCE VALUE CAPACITANCE TOLERANCE RATED VOLTAGE (V) CTC ORDERING CODE QUANTITY PER REEL SIZE Y-CAP Y-CAP Y-CAP X7R 0603 1.5 nF ±20% 100 CX 0603 MR X7R 0BB 152 4,000 X7R 0603 2.2 nF ±20% 100 CX 0603 MR X7R 0BB 222 4,000 X7R 0603 4.7 nF ±20% 100 CX 0603 MR X7R 0BB 472 4,000 X7R 0603 5.6 nF ±20% 100 CX 0603 MR X7R 0BB 562 4,000 X7R 0603 10 nF ±20% 50 / 63 CX 0603 MR X7R 9BB 103 4,000 X7R 0603 22 nF ±20% 25 CX 0603 MR X7R 8BB 223 4,000 X7R 0603 47 nF ±20% 16 CX 0603 MR X7R 7BB 473 4,000 X7R 0603 56 nF ±20% 16 CX 0603 MR X7R 7BB 563 4,000 X7R 0603 100 nF ±20% 10 CX 0603 MR X7R 6BB 104 4,000 X7R 0805 4.7 nF ±20% 100 CX 0805 MR X7R 0BB 472 4,000 X7R 0805 10 nF ±20% 100 CX 0805 MR X7R 0BB 103 4,000 X7R 0805 15 nF ±20% 50 / 63 CX 0805 MR X7R 9BB 153 4,000 X7R 0805 18 nF ±20% 50 / 63 CX 0805 MR X7R 9BB 183 4,000 X7R 0805 22 nF ±20% 25 CX 0805 MR X7R 8BB 223 4,000 X7R 0805 39 nF ±20% 25 CX 0805 MR X7R 8BB 393 4,000 X7R 0805 47 nF ±20% 16 CX 0805 MR X7R 7BB 473 4,000 X7R 0805 100 nF ±20% 16 CX 0805 MR X7R 7BB 104 4,000 X7R 0805 180 nF ±20% 10 CX 0805 MR X7R 6BB 184 4,000 X7R 1206 22 nF ±20% 100 CX 1206 MK X7R 0BB 223 2,500 X7R 1206 47 nF ±20% 50 / 63 CX 1206 MK X7R 9BB 473 2,500 X7R 1206 100 nF ±20% 50 / 63 CX 1206 MK X7R 9BB 104 2,500 X7R 1206 180 nF ±20% 25 CX 1206 MK X7R 8BB 184 2,500 X7R 1206 220 nF ±20% 16 CX 1206 MK X7R 7BB 224 2,500 X7R 1206 390 nF ±20% 16 CX 1206 MK X7R 7BB 394 2,500 X7R 1206 470 nF ±20% 10 CX 1206 MK X7R 6BB 474 2,500 X7R 1206 820 nF ±20% 10 CX 1206 MK X7R 6BB 824 2,500 X7R 1210 47 nF ±20% 100 CX 1210 MK X7R 0BB 473 2,500 X7R 1210 100 nF ±20% 50 / 63 CX 1210 MK X7R 9BB 104 2,500 X7R 1210 220 nF ±20% 50 / 63 CX 1210 MK X7R 9BB 224 2,500 X7R 1210 470 nF ±20% 25 CX 1210 MK X7R 8BB 474 2,500 X7R 1210 560 nF ±20% 25 CX 1210 MK X7R 8BB 564 2,500 X7R 1210 820 nF ±20% 16 CX 1210 MK X7R 7BB 824 2,500 X7R 1210 1 µF ±20% 16 CX 1210 MK X7R 7BB 105 2,500 X7R 1410 390 µF ±20% 50 CX 1410 MK X7R 9BB 394 2,500 |
Numéro de pièce similaire - CX0603MRX7R7BB4 |
|
Description similaire - CX0603MRX7R7BB4 |