Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

3EZ4.3D5 Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce 3EZ4.3D5
Description  3 Watt DO−41 Surmetic 30 Zener Voltage Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

3EZ4.3D5 Fiches technique(HTML) 3 Page - ON Semiconductor

  3EZ4.3D5 Datasheet HTML 1Page - ON Semiconductor 3EZ4.3D5 Datasheet HTML 2Page - ON Semiconductor 3EZ4.3D5 Datasheet HTML 3Page - ON Semiconductor 3EZ4.3D5 Datasheet HTML 4Page - ON Semiconductor 3EZ4.3D5 Datasheet HTML 5Page - ON Semiconductor 3EZ4.3D5 Datasheet HTML 6Page - ON Semiconductor 3EZ4.3D5 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3EZ4.3D5 Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, VF = 1.5 V Max @ IF = 200 mA for all types)
Device
(Note 1)
Device
Marking
Zener Voltage (Note 2)
Zener Impedance (Note 3)
Leakage Current
IZM
IR
(Note 4)
VZ (Volts)
@ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
Min
Nom
Max
mA
W
W
mA
mA Max
Volts
mA
mA
3EZ4.3D5
3EZ4.3D5
4.09
4.3
4.52
174
4.5
400
1
30
1
590
4.1
3EZ6.2D5
3EZ6.2D5
5.89
6.2
6.51
121
1.5
700
1
5
3
435
3.1
3EZ8.2D5*
3EZ8.2D5*
7.79
8.2
8.61
91
2.3
700
0.5
5
6
330
2.44
3EZ10D5
3EZ10D5
9.50
10
10.5
75
3.5
700
0.25
3
7.6
270
2.0
3EZ13D5
3EZ13D5
12.35
13
13.65
58
4.5
700
0.25
0.5
9.9
208
1.54
3EZ15D5
3EZ15D5
14.25
15
15.75
50
5.5
700
0.25
0.5
11.4
180
1.33
3EZ16D5
3EZ16D5
15.2
16
16.8
47
5.5
700
0.25
0.5
12.2
169
1.25
3EZ18D5
3EZ18D5
17.1
18
18.9
42
6.0
750
0.25
0.5
13.7
150
1.11
3EZ24D5
3EZ24D5
22.8
24
25.2
31
9.0
750
0.25
0.5
18.2
112
0.83
3EZ36D5
3EZ36D5
34.2
36
37.8
21
22
1000
0.25
0.5
27.4
75
0.56
3EZ39D5
3EZ39D5
37.05
39
40.95
19
28
1000
0.25
0.5
29.7
69
0.51
3EZ220D5* 3EZ220D5*
209
220
231
3.4
1600
9000
0.25
1
167
12
0.09
3EZ240D5
3EZ240D5
228
240
252
3.1
1700
9000
0.25
1
182
11
0.09
3EZ330D5
3EZ330D5
313.5
330
346.5
2.3
2200
9000
0.25
1
251
8
0.06
1. TOLERANCE AND TYPE NUMBER DESIGNATION
Tolerance designation − device tolerance of ±5% are indicated by a “5” suffix.
2. ZENER VOLTAGE (VZ) MEASUREMENT
ON Semiconductor guarantees the zener voltage when measured at 40 ms ±10 ms, 3/8″ from the diode body. And an ambient temperature
of 25°C (+8°C, −2°C)
3. ZENER IMPEDANCE (ZZ) DERIVATION
The zener impedance is derived from 60 seconds AC voltage, which results when an AC current having an rms value equal to 10% of the
DC zener current (IZT or IZK) is superimposed on IZT or IZK.
4. SURGE CURRENT (IR) NON−REPETITIVE
The rating listed in the electrical characteristics table is maximum peak, non−repetitive, reverse surge current of 1/2 square wave or
equivalent sine wave pulse of 1/120 second duration superimposed on the test current, IZT, per JEDEC standards. However, actual device
capability is as described in Figure 3 of the General Data sheet for Surmetic 30s.
*Not Available in the 6000/Tape & Reel.
Figure 1. Power Temperature Derating Curve
TL, LEAD TEMPERATURE (°C)
0
20
40
60
200
80
100
120
140
160
180
0
1
2
3
4
5
L = 1/8″
L = 3/8″
L = 1″
L = LEAD LENGTH
TO HEAT SINK


Html Pages

1  2  3  4  5  6  7 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn