Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADD8506WRUZ-REEL Fiches technique(PDF) 3 Page - Analog Devices

No de pièce ADD8506WRUZ-REEL
Description  4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADD8506WRUZ-REEL Fiches technique(HTML) 3 Page - Analog Devices

  ADD8506WRUZ-REEL Datasheet HTML 1Page - Analog Devices ADD8506WRUZ-REEL Datasheet HTML 2Page - Analog Devices ADD8506WRUZ-REEL Datasheet HTML 3Page - Analog Devices ADD8506WRUZ-REEL Datasheet HTML 4Page - Analog Devices ADD8506WRUZ-REEL Datasheet HTML 5Page - Analog Devices ADD8506WRUZ-REEL Datasheet HTML 6Page - Analog Devices ADD8506WRUZ-REEL Datasheet HTML 7Page - Analog Devices ADD8506WRUZ-REEL Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ADD8504/ADD8505/ADD8506
Rev. B | Page 3 of 8
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
VCC = 5 V, TA = 25°C, unless otherwise noted. VIN denotes buffer input voltage; ILOAD denotes load current; RL denotes load resistance;
CL denotes load capacitance.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
0 V ≤ VIN ≤ 5 V
20
mV
Input Common-Mode Voltage Range
VCM
0
5
V
Input Bias Current
IB
VIN = 2.5 V
2
50
nA
Voltage Gain
AVO
0.985
V/V
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
ILOAD = +20 mA
4.75
V
Output Voltage Low
VOL
ILOAD = −20 mA
0.2
V
Output Resistance
ROUT
−20 mA ≤ ILOAD ≤ +20 mA; 0.5 V ≤ VIN ≤ 4.5 V
0.20
Ω
Output Short-Circuit Current
ISC
120
380
mA
POWER SUPPLY
Supply Current
ISY
VIN = 2.5 V
ADD8504
2.7
3.8
mA
ADD8505
3.0
4.4
mA
ADD8506
3.9
5.1
mA
Supply Voltage Range
VCC
3.3
6.5
V
DYNAMIC PERFORMANCE
Slew Rate
SR
CL = 15 pF
7.0
V/μs
RL = 250 Ω
6.2
V/μs
Settling Time
tS
CL = 200 pF, RL = 10 kΩ
2.5
6
μs
LOGIC INPUT CHARACTERISTICS
Input Current Low
IIL
VIN = 0.0 V
100
nA
Input Current High
IIH
VIN = 5.0 V
100
nA
Input Voltage Low
VIL
VCC = 5.0 V, −40°C ≤ TA ≤ 105°C
0.8
V
Input Voltage Low
VIL
VCC = 3.3 V, −40°C ≤ TA ≤ 105°C
0.7
V
Input Voltage High
VIH
VCC = 5.0 V, −40°C ≤ TA ≤ 105°C
1.7
V
Input Voltage High
VIH
VCC = 3.3 V, −40°C ≤ TA ≤ 105°C
1.4
V


Numéro de pièce similaire - ADD8506WRUZ-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADD8506WRUZ-REEL AD-ADD8506WRUZ-REEL Datasheet
154Kb / 8P
   6-Channel, Muxed Input Line Inversion LCD Gamma Buffer
REV. 0
ADD8506WRUZ-REEL AD-ADD8506WRUZ-REEL Datasheet
263Kb / 12P
   4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
ADD8506WRUZ-REEL7 AD-ADD8506WRUZ-REEL7 Datasheet
154Kb / 8P
   6-Channel, Muxed Input Line Inversion LCD Gamma Buffer
REV. 0
ADD8506WRUZ-REEL7 AD-ADD8506WRUZ-REEL7 Datasheet
263Kb / 12P
   4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
More results

Description similaire - ADD8506WRUZ-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADD8504 AD-ADD8504_10 Datasheet
263Kb / 12P
   4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
ADD8506 AD-ADD8506 Datasheet
154Kb / 8P
   6-Channel, Muxed Input Line Inversion LCD Gamma Buffer
REV. 0
AD8509 AD-AD8509_15 Datasheet
207Kb / 12P
   9- and 11-Channel, Muxed Input LCD Reference Buffers
REV. C
AD8511 AD-AD8511_15 Datasheet
207Kb / 12P
   9- and 11-Channel, Muxed Input LCD Reference Buffers
REV. C
AD8509 AD-AD8509 Datasheet
183Kb / 8P
   9- and 11-Channel, Muxed Input LCD Reference Drivers
REV. B
ADD8701 AD-ADD8701_15 Datasheet
295Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8702 AD-ADD8702_15 Datasheet
237Kb / 8P
   12-Channel Gamma Buffers with V Buffer
REV. 0
ADD8701 AD-ADD8701 Datasheet
289Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8702 AD-ADD8702 Datasheet
233Kb / 8P
   12-Channel Gamma Buffers with Vcom Buffer
REV. 0
logo
Maxim Integrated Produc...
MAX9590 MAXIM-MAX9590 Datasheet
37Kb / 1P
   14 Programmable Gamma Reference Buffers with 4 Static References for TFT-LCD Displays
Rev 0; 4/06
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com