Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AQV212S Fiches technique(PDF) 3 Page - Nais(Matsushita Electric Works)

No de pièce AQV212S
Description  GU (General Use) Type SOP Series [1-Channel (Form A) Type]
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NAIS [Nais(Matsushita Electric Works)]
Site Internet  
Logo NAIS - Nais(Matsushita Electric Works)

AQV212S Fiches technique(HTML) 3 Page - Nais(Matsushita Electric Works)

  AQV212S Datasheet HTML 1Page - Nais(Matsushita Electric Works) AQV212S Datasheet HTML 2Page - Nais(Matsushita Electric Works) AQV212S Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AQV21rS
49
2.-(3) On resistance vs. ambient temperature
characteristics
Measured portion: between terminals 4 and 6;
LED current: 5 mA; Load voltage: Max. (DC);
Continuous load current: Max. (DC)
3. Turn on time vs. ambient temperature char-
acteristics
LED current: 5 mA; Load voltage: Max. (DC);
Continuous load current: Max. (DC)
4. Turn off time vs. ambient temperature char-
acteristics
LED current: 5 mA; Load voltage: Max. (DC);
Continuous load current: Max. (DC)
0
20
40
60
80
–40
120
0
–20
20
40
60
8085
AQV216S
100
Ambient temperature,
°C
0
1.0
1.5
–40
2.5
0
–20
20
40
60
80 85
0.5
2.0
AQV212S,AQV215S
3.0
AQV214S,AQV217S
AQV210S,
AQV216S
Ambient temperature,
°C
0
0.1
0.2
0.3
0.4
–40
0
–20
20
40
60
8085
AQV212S
AQV215S
0.5
Ambient temperature,
°C
AQV214S,AQV217S,AQV210S,AQV216S
5. LED operate current vs. ambient tempera-
ture characteristics
Sample: All types;
Load voltage: Max. (DC);
Continuous load current: Max. (DC)
6. LED turn off current vs. ambient temperature
characteristics
Sample: All types;
Load voltage: Max. (DC);
Continuous load current: Max. (DC)
7. LED dropout voltage vs. ambient tempera-
ture characteristics
Sample: All types;
LED current: 5 to 50 mA
Ambient temperature,
°C
0
1
2
3
4
–40
5
0
–20
20
40
60
80 85
0
1
2
3
4
–40
5
0
–20
20
40
60
8085
Ambient temperature,
°C
0
1.0
1.1
1.2
1.3
–20
–40
0
20
40
60
100
80 85
1.4
1.5
Ambient temperature,
°C
50mA
30mA
20mA
10mA
5mA
8.-(1). Voltage vs. current characteristics of out-
put at MOS portion
Measured portion: between terminals 4 and 6;
Ambient temperature: 25
°C 77°F
8.-(2). Voltage vs. current characteristics of out-
put at MOS portion
Measured portion: between terminals 4 and 6;
Ambient temperature: 25
°C 77°F
9. Off state leakage current
Measured portion: between terminals 4 and 6;
Ambient temperature: 25
°C 77°F
1.0
0.6
–1.0
–0.6
–0.5
–0.3
–0.1
0.5
0.3
0.1
0.2
0.4
–0.2
–0.4
–0.4
–0.8
0.4
0.8
AQV212S
AQV215S
Voltage,V
0.2
–0.2
5
3
–5
–3
–200
–120
–40
200
120
40
80
160
–80
–160
–2
–4
24
AQV217S
AQV214S
AQV216S
Voltage,V
1
AQV210S
–1
0
60
100
10
–3
10
–6
10
–9
10
–12
20
40
80
AQV214S
AQV216S
Load voltage, V
10. LED forward current vs. turn on time char-
acteristics
Measured portion: between terminals 4 and 6;
Load voltage: Max. (DC); Continuous load current:
Max. (DC); Ambient temperature: 25
°C 77°F
11. LED forward current vs. turn off time char-
acteristics
Measured portion: between terminals 4 and 6;
Load voltage: Max. (DC); Continuous load current:
Max. (DC); Ambient temperature: 25
°C 77°F
12. Applied voltage vs. output capacitance
characteristics
Measured portion: between terminals 4 and 6;
Frequency: 1 MHz;
Ambient temperature: 25
°C 77°F
0
0.2
0.4
0.6
0.8
1.0
10
20
30
40
50
60
1.2
AQV216S
LED forward current, mA
AQV212S,AQV215S
AQV214S,AQV210S,AQV217S
0
0.02
0.04
0.08
0.06
10
20
30
40
0.10
50
0.12
60
AQV214S
AQV210S
AQV217S
AQV215S
AQV212S
AQV216S
LED forward current, mA
0
50
100
10
20
30
40
50
150
200
0
AQV214S,AQV210S,AQV216S
AQV217S
AQV212S
AQV215S
Applied voltage, V
5/7/2001
All Rights Reserved, © Copyright Matsushita Electric Works, Ltd.
Go To Online Catalog


Numéro de pièce similaire - AQV212S

FabricantNo de pièceFiches techniqueDescription
logo
Nais(Matsushita Electri...
AQV212 NAIS-AQV212 Datasheet
53Kb / 4P
   GU (General Use) Type [1-Channel (Form A) Type]
logo
Panasonic Semiconductor
AQV212 PANASONIC-AQV212 Datasheet
123Kb / 4P
   Controls low-level input signals. Controls load voltage 60V to 600V.
logo
Nais(Matsushita Electri...
AQV212A NAIS-AQV212A Datasheet
53Kb / 4P
   GU (General Use) Type [1-Channel (Form A) Type]
logo
Panasonic Semiconductor
AQV212A PANASONIC-AQV212A Datasheet
123Kb / 4P
   Controls low-level input signals. Controls load voltage 60V to 600V.
logo
Nais(Matsushita Electri...
AQV212AX NAIS-AQV212AX Datasheet
53Kb / 4P
   GU (General Use) Type [1-Channel (Form A) Type]
More results

Description similaire - AQV212S

FabricantNo de pièceFiches techniqueDescription
logo
Nais(Matsushita Electri...
AQY210 NAIS-AQY210 Datasheet
37Kb / 3P
   GU (General Use) Type SOP Series 1- Channel (Form A) 4-Pin Type
AQV212 NAIS-AQV212 Datasheet
53Kb / 4P
   GU (General Use) Type [1-Channel (Form A) Type]
AQY14 NAIS-AQY14 Datasheet
45Kb / 3P
   GU (General Use) Type SOP Series 1- Channel (Form B) 4-Pin Type
logo
List of Unclassifed Man...
AQV210E ETC1-AQV210E Datasheet
148Kb / 3P
   GU (General Use)-E Type [1-Channel (Form A) Type]
logo
Nais(Matsushita Electri...
AQY210LS NAIS-AQY210LS Datasheet
43Kb / 3P
   GU (General Use) Type SOP Series 1-Channel (Form A) Current Limit Function 4-Pin Type
AQW212 NAIS-AQW212 Datasheet
46Kb / 3P
   GU (General Use) Type [2-Channel (Form A) Type]
AQW614 NAIS-AQW614 Datasheet
55Kb / 3P
   GU (General Use) Type [2-Channel (Form A Form B) Type]
AQY210EH NAIS-AQY210EH Datasheet
44Kb / 3P
   GU (General Use)-E Type 1-Channel (Form A) 4-pin Type
AQW210EH NAIS-AQW210EH Datasheet
50Kb / 3P
   GU (General Use)-E Type 2-Channel (Form A) Type
logo
Panasonic Battery Group
AQY280EHAX PANASONICBATTERY-AQY280EHAX Datasheet
146Kb / 4P
   GU (General Use) Type [1, 2-Channel (Form A) 4, 8-Pin Type]
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com