Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADAU1328 Fiches technique(PDF) 23 Page - Analog Devices

No de pièce ADAU1328
Description  2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADAU1328 Fiches technique(HTML) 23 Page - Analog Devices

Back Button ADAU1328 Datasheet HTML 19Page - Analog Devices ADAU1328 Datasheet HTML 20Page - Analog Devices ADAU1328 Datasheet HTML 21Page - Analog Devices ADAU1328 Datasheet HTML 22Page - Analog Devices ADAU1328 Datasheet HTML 23Page - Analog Devices ADAU1328 Datasheet HTML 24Page - Analog Devices ADAU1328 Datasheet HTML 25Page - Analog Devices ADAU1328 Datasheet HTML 26Page - Analog Devices ADAU1328 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
ADAU1328
Rev. 0 | Page 23 of 32
Table 12. Pin Function Changes in TDM and AUX Modes (Replication of Table 11)
Mnemonic
Stereo Modes
TDM Modes
AUX Modes
ASDATA1
ADC1 Data Out
ADC TDM Data Out
TDM Data Out
ASDATA2
ADC2 Data Out
ADC TDM Data In
AUX Data Out 1 (to External DAC 1)
DSDATA1
DAC1 Data In
DAC TDM Data In
TDM Data In
DSDATA2
DAC2 Data In
DAC TDM Data Out
AUX Data In 1 (from External ADC 1)
DSDATA3
DAC3 Data In
DAC TDM Data In 2 (Dual-Line Mode)
AUX Data In 2 (from External ADC 2)
DSDATA4
DAC4 Data In
DAC TDM Data Out 2 (Dual-Line Mode)
AUX Data Out 2 (to External DAC 2)
ALRCLK
ADC LRCLK In/Out
ADC TDM Frame Sync In/Out
TDM Frame Sync In/Out
ABCLK
ADC BCLK In/Out
ADC TDM BCLK In/Out
TDM BCLK In/Out
DLRCLK
DAC LRCLK In/Out
DAC TDM Frame Sync In/Out
AUX LRCLK In/Out
DBCLK
DAC BCLK In/Out
DAC TDM BCLK In/Out
AUX BCLK In/Out
AUX
ADC 1
LRCLK
BCLK
DATA
MCLK
AUX
ADC 2
LRCLK
BCLK
DATA
MCLK
AUX
DAC 1
AUX
DAC 2
LRCLK
BCLK
DATA
MCLK
LRCLK
BCLK
DATA
MCLK
30MHz
12.288MHz
SHARC IS RUNNING IN SLAVE MODE
(INTERRUPT-DRIVEN)
SHARC
ADAU1328
TDM MASTER
AUX MASTER
ASDATA2
DSDATA4
DBCLK
DLRCLK
DSDATA2
DSDATA3
MCLK
ASDATA1 ALRCLK ABCLK DSDATA1
Figure 26. Example of AUX Mode Connection to SHARC® (ADAU1328 as TDM Master/AUX Master Shown)


Numéro de pièce similaire - ADAU1328

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADAU1328 AD-ADAU1328 Datasheet
395Kb / 33P
   2 ADC/8 DAC with PLL
ADAU1328BSTZ AD-ADAU1328BSTZ Datasheet
395Kb / 33P
   2 ADC/8 DAC with PLL
ADAU1328BSTZ-RL AD-ADAU1328BSTZ-RL Datasheet
395Kb / 33P
   2 ADC/8 DAC with PLL
ADAU1328 AD-ADAU1328_15 Datasheet
428Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. B
ADAU1328 AD-ADAU1328_17 Datasheet
395Kb / 33P
   2 ADC/8 DAC with PLL
More results

Description similaire - ADAU1328

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADAU1328 AD-ADAU1328_15 Datasheet
428Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. B
AD1928 AD-AD1928 Datasheet
595Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. 0
AD1928 AD-AD1928_15 Datasheet
419Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. B
AD1939WBSTZ AD-AD1939WBSTZ Datasheet
485Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1935 AD-AD1935 Datasheet
381Kb / 30P
   4 ADC/8 DAC with PLL, 192 kHz, 24 Bit CODEC
Rev. PrI
AD1939 AD-AD1939 Datasheet
607Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit CODEC
REV. 0
AD1938WBSTZ-RL AD-AD1938WBSTZ-RL Datasheet
472Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1939 AD-AD1939_15 Datasheet
485Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1938 AD-AD1938 Datasheet
559Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit CODEC
REV. 0
AD1938 AD-AD1938_15 Datasheet
472Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com