Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL59532IKEZ Fiches technique(PDF) 5 Page - Intersil Corporation

No de pièce ISL59532IKEZ
Description  32x32 Video Crosspoint
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59532IKEZ Fiches technique(HTML) 5 Page - Intersil Corporation

  ISL59532IKEZ Datasheet HTML 1Page - Intersil Corporation ISL59532IKEZ Datasheet HTML 2Page - Intersil Corporation ISL59532IKEZ Datasheet HTML 3Page - Intersil Corporation ISL59532IKEZ Datasheet HTML 4Page - Intersil Corporation ISL59532IKEZ Datasheet HTML 5Page - Intersil Corporation ISL59532IKEZ Datasheet HTML 6Page - Intersil Corporation ISL59532IKEZ Datasheet HTML 7Page - Intersil Corporation ISL59532IKEZ Datasheet HTML 8Page - Intersil Corporation ISL59532IKEZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
FN7432.3
July 24, 2006
OVER12
P20
Overlay Logic Control (with pull-down)
OVER13
N20
Overlay Logic Control (with pull-down)
OVER14
M20
Overlay Logic Control (with pull-down)
OVER15
L20
Overlay Logic Control (with pull-down)
OVER16
K19
Overlay Logic Control (with pull-down)
OVER17
J19
Overlay Logic Control (with pull-down)
OVER18
H19
Overlay Logic Control (with pull-down)
OVER19
G19
Overlay Logic Control (with pull-down)
OVER20
F20
Overlay Logic Control (with pull-down)
OVER21
E20
Overlay Logic Control (with pull-down)
OVER22
D20
Overlay Logic Control (with pull-down)
OVER23
C20
Overlay Logic Control (with pull-down)
OVER24
B17
Overlay Logic Control (with pull-down)
OVER25
B16
Overlay Logic Control (with pull-down)
OVER26
B15
Overlay Logic Control (with pull-down)
OVER27
B14
Overlay Logic Control (with pull-down)
OVER28
A13
Overlay Logic Control (with pull-down)
OVER29
A12
Overlay Logic Control (with pull-down)
OVER30
A11
Overlay Logic Control (with pull-down)
OVER31
A10
Overlay Logic Control (with pull-down)
VOVER0
V10
Overlay Video Input
VOVER1
V11
Overlay Video Input
VOVER2
V12
Overlay Video Input
VOVER3
V13
Overlay Video Input
VOVER4
V14
Overlay Video Input
VOVER5
V15
Overlay Video Input
VOVER6
V16
Overlay Video Input
VOVER7
V17
Overlay Video Input
VOVER8
V18
Overlay Video Input
VOVER9
U18
Overlay Video Input
VOVER10
T18
Overlay Video Input
VOVER11
R18
Overlay Video Input
VOVER12
P18
Overlay Video Input
VOVER13
N18
Overlay Video Input
VOVER14
M18
Overlay Video Input
VOVER15
L18
Overlay Video Input
VOVER16
K18
Overlay Video Input
VOVER17
J18
Overlay Video Input
Pin Descriptions (Continued)
NAME
NUMBER
DESCRIPTION
VOVER18
H18
Overlay Video Input
VOVER19
G18
Overlay Video Input
VOVER20
F18
Overlay Video Input
VOVER21
E18
Overlay Video Input
VOVER22
D18
Overlay Video Input
VOVER23
C18
Overlay Video Input
VOVER24
C17
Overlay Video Input
VOVER25
C16
Overlay Video Input
VOVER26
C15
Overlay Video Input
VOVER27
C14
Overlay Video Input
VOVER28
C13
Overlay Video Input
VOVER29
C12
Overlay Video Input
VOVER30
C11
Overlay Video Input
VOVER31
C10
Overlay Video Input
VREF
M3
DC-restore clamp reference input.
In an AC-coupled configuration
(DC-Restore clamp enabled), the sync
tip of composite video inputs will be
restored to this level. Set to 0.3 to 0.7V
for optimum performance.
In an DC-coupled configuration
(DC-Restore clamp disabled), this pin
should be tied to ground.
Never let the VREF pin float! A floating
VREF pin drifts high (and if the clamp
function is enabled) will cause all of the
outputs to simultaneously try to drive
~4V DC into their 150
loads.
SLATCH
J3
Serial Latch. Serial data is latched into
ISL59532 on rising edge of SLATCH.
SCLK
K3
Serial data clock
SDI
L3
Serial data input
SDO
G3
Serial data output. Can be tied to SDI of
another ISL59532 to enable daisy-
chaining of multiple devices.
RESET
H3
Reset input. Pull high then low to reset
device, but not needed in normal opera-
tion. Tie to ground in final application.
VSDO
D3
Power supply for SDO pin. Tie to +5V
for a 0 to 5V SDO output signal swing.
VS
+5V power supply
GND
Ground
NC
No Connect - Do not electrically con-
nect to anything, including ground.
Pin Descriptions (Continued)
NAME
NUMBER
DESCRIPTION
ISL59532


Numéro de pièce similaire - ISL59532IKEZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL59532IKEZ INTERSIL-ISL59532IKEZ Datasheet
1Mb / 24P
   32x32 Video Crosspoint
ISL59532IKEZ INTERSIL-ISL59532IKEZ Datasheet
1Mb / 24P
   32x32 Video Crosspoint
logo
Renesas Technology Corp
ISL59532IKEZ RENESAS-ISL59532IKEZ Datasheet
1Mb / 25P
   32x32 Video Crosspoint
More results

Description similaire - ISL59532IKEZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL59532_0708 INTERSIL-ISL59532_0708 Datasheet
1Mb / 24P
   32x32 Video Crosspoint
ISL59532 INTERSIL-ISL59532_07 Datasheet
1Mb / 24P
   32x32 Video Crosspoint
logo
Renesas Technology Corp
ISL59532 RENESAS-ISL59532 Datasheet
1Mb / 25P
   32x32 Video Crosspoint
logo
Intersil Corporation
ISL59533 INTERSIL-ISL59533 Datasheet
1Mb / 24P
   32x32 Video Crosspoint with Differential Inputs
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
logo
TriQuint Semiconductor
TQ8032 TRIQUINT-TQ8032 Datasheet
177Kb / 8P
   800 Megabit/sec 32x32 Digital ECL Crosspoint Switch
logo
Intersil Corporation
ISL59530 INTERSIL-ISL59530 Datasheet
1Mb / 22P
   16x16 Video Crosspoint
logo
Analog Devices
AD8178 AD-AD8178_16 Datasheet
770Kb / 37P
   Video Crosspoint Switch
AD8176 AD-AD8176_15 Datasheet
877Kb / 40P
   Video Crosspoint Switch
REV. 0
AD8106 AD-AD8106_15 Datasheet
580Kb / 28P
   Video Crosspoint Switches
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com