Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZL50062 Fiches technique(PDF) 29 Page - Zarlink Semiconductor Inc

No de pièce ZL50062
Description  16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (2, 4, 8, or 16Mbps), and 64 Inputs and 64 Outputs
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZARLINK [Zarlink Semiconductor Inc]
Site Internet  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50062 Fiches technique(HTML) 29 Page - Zarlink Semiconductor Inc

Back Button ZL50062 Datasheet HTML 25Page - Zarlink Semiconductor Inc ZL50062 Datasheet HTML 26Page - Zarlink Semiconductor Inc ZL50062 Datasheet HTML 27Page - Zarlink Semiconductor Inc ZL50062 Datasheet HTML 28Page - Zarlink Semiconductor Inc ZL50062 Datasheet HTML 29Page - Zarlink Semiconductor Inc ZL50062 Datasheet HTML 30Page - Zarlink Semiconductor Inc ZL50062 Datasheet HTML 31Page - Zarlink Semiconductor Inc ZL50062 Datasheet HTML 32Page - Zarlink Semiconductor Inc ZL50062 Datasheet HTML 33Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 68 page
background image
ZL50062/4
Data Sheet
29
Zarlink Semiconductor Inc.
6.0
Microprocessor Port
The 16K switch family supports non-multiplexed Motorola type microprocessor buses. The microprocessor port
consists of a 16-bit parallel data bus (D0-15), a 15-bit address bus (A0-14) and four control signals (CS, DS, R/W
and DTA). The data bus provides access to the internal registers, the Backplane Connection and Data Memories,
and the Local Connection and Data Memories. Each memory has 8,192 locations. See Table 7, Address Map for
Data and Connection Memory Locations (A14 = 1), for the address mapping.
Each Connection Memory can be read or written via the 16-bit microprocessor port. The Data Memories can only
be read (but not written) from the microprocessor port.
To prevent the bus ’hanging’, in the event of the switch not receiving a master clock, the microprocessor port shall
complete the DTA handshake when accessed, but any data read from the bus will be invalid.
7.0
Device Power-up, Initialization and Reset
7.1
Power-Up Sequence
The recommended power-up sequence is for the VDD_IO supply (nominally +3.3V) to be established before the
power-up of the VDD_PLL and VDD_CORE supplies (nominally +1.8V). The VDD_PLL and VDD_CORE supplies may be
powered up simultaneously, but neither should 'lead' the VDD_IO supply by more than 0.3V.
All supplies may be powered-down simultaneously.
7.2
Initialization
Upon power up, the device should be initialized by applying the following sequence:
7.3
Reset
The RESET pin is used to reset the device. When set LOW, an asynchronous reset is applied to the device. It is
then synchronized to the internal clock. During the reset period, depending on the state of input pins LORS and
BORS, the output streams LSTo0-31 and BSTo0-31 are set to HIGH or high impedance, and all internal registers
and counters are reset to the default state.
The RESET pin must remain LOW for two input clock cycles (C8i) to guarantee a synchronized reset release. A
delay of an additional 250
µs must also be waited before the first microprocessor access is performed following
the de-assertion of the RESET pin; this delay is required for determination of the frame pulse format.
1
Ensure the TRST pin is permanently LOW to disable the JTAG TAP controller.
2Set ODE pin to LOW. This sets the LSTo0-31 outputs to HIGH or high impedance, dependent on the
LORS input value, and sets the BSTo0-31 outputs to HIGH or high impedance, dependent on BORS
input value. Refer to Pin Description for details of the LORS and BORS pins.
3
Reset the device by asserting the RESET pin to zero for at least two cycles of the input clock, C8i. A
delay of an additional 250
µs must also be applied before the first microprocessor access is
performed following the de-assertion of the RESET pin; this delay is required for determination of the
input frame pulse format.
4
Use the Block Programming Mode to initialize the Local and the Backplane Connection Memories. Refer
to Section 8.3, Connection Memory Block Programming.
5Set ODE pin to HIGH after the connection memories are programmed to ensure that bus contention will
not occur at the serial stream outputs.


Numéro de pièce similaire - ZL50062

FabricantNo de pièceFiches techniqueDescription
logo
Zarlink Semiconductor I...
ZL50060 ZARLINK-ZL50060 Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
ZL50060GAC ZARLINK-ZL50060GAC Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
ZL50060GAG2 ZARLINK-ZL50060GAG2 Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
ZL50061GAG ZARLINK-ZL50061GAG Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
ZL50061GAG2 ZARLINK-ZL50061GAG2 Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
More results

Description similaire - ZL50062

FabricantNo de pièceFiches techniqueDescription
logo
Zarlink Semiconductor I...
ZL50051 ZARLINK-ZL50051 Datasheet
562Kb / 67P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (8 or 16 Mbps), and 64 Inputs and 64 Outputs
ZL50060 ZARLINK-ZL50060 Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
ZL50075 ZARLINK-ZL50075 Datasheet
499Kb / 60P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 2 Streams (8, 16, 32 or 64 Mbps), and 64 Inputs and 64 Outputs
ZL50063 ZARLINK-ZL50063 Datasheet
453Kb / 60P
   16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (32Mbps), and 32 Inputs and 32 Output
ZL50052 ZARLINK-ZL50052 Datasheet
449Kb / 59P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (32 Mbps), and 16 Inputs and 16 Outputs
ZL50070 ZARLINK-ZL50070 Datasheet
615Kb / 66P
   24 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 96 Inputs and 96 Outputs
ZL50073 ZARLINK-ZL50073_06 Datasheet
616Kb / 68P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 128 Inputs and 128 Outputs
ZL50050 ZARLINK-ZL50050 Datasheet
694Kb / 94P
   8 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 32 Inputs and 32 Outputs
ZL50057 ZARLINK-ZL50057 Datasheet
815Kb / 108P
   12 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 48 Inputs and 48 Outputs
ZL50073 ZARLINK-ZL50073 Datasheet
616Kb / 67P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com