Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8500 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD8500
Description  Micropower Precision CMOS Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8500 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD8500 Datasheet HTML 4Page - Analog Devices AD8500 Datasheet HTML 5Page - Analog Devices AD8500 Datasheet HTML 6Page - Analog Devices AD8500 Datasheet HTML 7Page - Analog Devices AD8500 Datasheet HTML 8Page - Analog Devices AD8500 Datasheet HTML 9Page - Analog Devices AD8500 Datasheet HTML 10Page - Analog Devices AD8500 Datasheet HTML 11Page - Analog Devices AD8500 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD8500
Rev. A | Page 11 of 12
0.20
0.15
–0.15
0.10
–0.10
0.05
–0.05
0
–0.20
–0.0005
0
0.0005
0.0010
0.0015
TIME (Seconds)
FREQUENCY (Hz)
–80
–60
–40
–20
0
20
40
60
80
10
100
1k
10k
100k
–180
–135
–90
–45
0
45
90
135
Figure 35. Small Signal Transient Response
(No Load)
Figure 32. Open-Loop Gain and Phase vs. Frequency
0.20
0.15
–0.15
0.10
–0.10
0.05
–0.05
0
–0.20
0
0.0005
0.0010
0.0015
TIME (Seconds)
–0.0005
100
90
80
70
60
50
40
30
20
10
0
0.01
0.1
1
10
100
FREQUENCY (kHz)
Figure 36. Small Signal Transient Response
(100 pF Load Capacitance)
Figure 33. CMRR vs. Frequency
35
30
25
20
15
10
5
0
10
100
1000
LOAD CAPACITANCE (pF)
OS–
OS+
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0
0.2
–0.002 –0.001
0
0.001 0.002 0.003 0.004 0.005 0.006 0.007 0.008
TIME (Seconds)
Figure 34. Small Signal Overshoot vs. Load Capacitance
Figure 37. Large Signal Transient Response
(No Load)


Numéro de pièce similaire - AD8500

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8500 AD-AD8500 Datasheet
696Kb / 24P
   22 關A, RRIO, CMOS, 18 V
REV. B
AD8500 AD-AD8500 Datasheet
223Kb / 5P
   Devices Connected
AD8500 AD-AD8500 Datasheet
210Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV.D
AD8500 AD-AD8500_15 Datasheet
457Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. B
More results

Description similaire - AD8500

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Linear Devices
ALD1731A ALD-ALD1731A Datasheet
92Kb / 9P
   PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8500 AD-AD8500_15 Datasheet
457Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. B
logo
ADL Embedded Solutions
ALD1721 ADL-ALD1721 Datasheet
108Kb / 9P
   PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
2011
logo
National Semiconductor ...
LMC6061 NSC-LMC6061 Datasheet
312Kb / 12P
   Precision CMOS Single Micropower Operational Amplifier
LMC6064 NSC-LMC6064 Datasheet
329Kb / 12P
   Precision CMOS Quad Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD1726 ALD-ALD1726 Datasheet
104Kb / 9P
   PRECISION ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
2011
logo
National Semiconductor ...
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
   Precision CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6064EP TI1-LMC6064EP Datasheet
480Kb / 18P
[Old version datasheet]   Precision CMOS Quad Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2731A ALD-ALD2731A Datasheet
92Kb / 9P
   PRECISION DUAL MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD1736A ALD-ALD1736A Datasheet
88Kb / 9P
   PRECISION ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com