Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NX25F011B Fiches technique(PDF) 31 Page - List of Unclassifed Manufacturers

No de pièce NX25F011B
Description  1M-BIT, 2M-BIT, AND 4M-BIT SERIAL FLASH MEMORIES WITH 4-PIN SPI INTERFACE
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

NX25F011B Fiches technique(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button NX25F011B Datasheet HTML 27Page - List of Unclassifed Manufacturers NX25F011B Datasheet HTML 28Page - List of Unclassifed Manufacturers NX25F011B Datasheet HTML 29Page - List of Unclassifed Manufacturers NX25F011B Datasheet HTML 30Page - List of Unclassifed Manufacturers NX25F011B Datasheet HTML 31Page - List of Unclassifed Manufacturers NX25F011B Datasheet HTML 32Page - List of Unclassifed Manufacturers NX25F011B Datasheet HTML 33Page - List of Unclassifed Manufacturers NX25F011B Datasheet HTML 34Page - List of Unclassifed Manufacturers NX25F011B Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
NX25F011B
NX25F021B
NX25F041B
NexFlash Technologies, Inc.
31
PRELIMINARY NXSF016F-1201
12/12/01 ©
1
2
3
4
5
6
7
8
9
10
11
12
AC ELECTRICAL CHARACTERISTICS (Preliminary) (4)
Fast SPI
Standard SPI
(RCE =1)
(RCE = 0)
Symbol
Description
Min Typ Max
Min Typ Max
Unit
FREQ
Clock Frequency
Vcc = 5V
0
20
0
12
MHz
Vcc = 3V
0
20
0
10
MHz
tCYC
SCK Serial Clock Period (1)
Vcc = 5V
50
——
80
——
ns
Vcc = 3V
50
——
100 ——
ns
tWH
SCK Serial Clock High or Low Time
24
——
24
——
ns
tWL
tRI
SCK Serial Clock Rise or Fall Time (2)
——
5
——
5ns
tFI
tSU
Data Input Setup Time to SCLK
Vcc = 5V
14
——
14
——
ns
Vcc = 3V
25
——
25
——
ns
tIH
Data Input Hold Time from SCLK
0
——
0
——
ns
tOH
Data Output Hold Time from SCLK
0
——
0
——
ns
tV
Data Output Valid after SCLK (1,3)
Vcc = 5V
——
35
——
35
ns
Vcc = 3V
——
45
——
45
ns
tCSS
CS Setup Time to Command
100
——
100 ——
ns
tCSH
CS Hold Time after Command
100
——
100 ——
ns
tWP
Erase/Write Program Time
7.5
20
— 7.5
20
ms
(see Write to Sector Command)
tEO
Erase Only Time
24
24
ms
(see Erase Sector/Block Commands)
tWO
Write Only Time
5.5
16
— 5.5
16
ms
(see Write Only to Sector Command)
tXS
Transfer or Compare Sector
100 150
— 100 150
µs
(see Transfer/Compare All Command)
tHD
SCK Setup Time to
HOLD
10
——
10
——
ns
tCD
SCK Hold Time from
HOLD
30
——
30
——
ns
tCS
CS Deselect Time
160
——
160 ——
ns
tRB
READY / BUSY Valid Time
160
——
160 ——
ns
tDIS
Data Output Disable Time
——
60
——
60
ns
tHZ
Data Disable/Enable from
HOLD
——
60
——
60
ns
Notes:
1. To achieve maximum clock performance, the read clock edge will need to be set for rising edge operation in the configuration
register (RCE=1).
2. Test points are 10% and 90% points for rise/fall times. All others timings are measured at 50% point.
3. With 30 pF (16 MHz) load SO to GND.
4. See Preliminary Designation page 31


Numéro de pièce similaire - NX25F011B

FabricantNo de pièceFiches techniqueDescription
logo
Pericom Semiconductor C...
NX251 PERICOM-NX251 Datasheet
630Kb / 2P
   2.5V/3.3V CMOS XO
NX2511A PERICOM-NX2511A Datasheet
630Kb / 2P
   2.5V/3.3V CMOS XO
NX2511B PERICOM-NX2511B Datasheet
630Kb / 2P
   2.5V/3.3V CMOS XO
NX2511C PERICOM-NX2511C Datasheet
630Kb / 2P
   2.5V/3.3V CMOS XO
NX2511D PERICOM-NX2511D Datasheet
630Kb / 2P
   2.5V/3.3V CMOS XO
More results

Description similaire - NX25F011B

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
NX25P40 ETC-NX25P40 Datasheet
533Kb / 28P
   1M BIT 2M BIT AND 4M BIT SERIAL FLASH MEMORY WITH 10MHZ SPI
logo
Winbond
W25P10 WINBOND-W25P10 Datasheet
1Mb / 35P
   1M-BIT, 2M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 40MHZ SPI
logo
List of Unclassifed Man...
NX26F011A ETC1-NX26F011A Datasheet
243Kb / 14P
   1M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 2-PIN NXS INTERFACE
logo
Winbond
W25X10 WINBOND-W25X10_08 Datasheet
1Mb / 48P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10 WINBOND-W25X10 Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10A WINBOND-W25X10A Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10 WINBOND-W25X10_07 Datasheet
1Mb / 48P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10A WINBOND-W25X10A_09 Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10BV WINBOND-W25X10BV Datasheet
1Mb / 51P
   1M-BIT, 2M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X10AL WINBOND-W25X10AL Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com