Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LP3855-ADJ Fiches technique(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No de pièce LP3855-ADJ
Description  1.5A Fast Response Ultra Low Dropout Linear Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3855-ADJ Fiches technique(HTML) 1 Page - National Semiconductor (TI)

  LP3855-ADJ Datasheet HTML 1Page - National Semiconductor (TI) LP3855-ADJ Datasheet HTML 2Page - National Semiconductor (TI) LP3855-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LP3855-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LP3855-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LP3855-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LP3855-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LP3855-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LP3855-ADJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LP3855-ADJ
1.5A Fast Response Ultra Low Dropout Linear
Regulators
General Description
The LP3855-ADJ fast ultra low-dropout linear regulators op-
erate from a +2.5V to +7.0V input supply. These ultra low
dropout linear regulators respond very quickly to step
changes in load, which makes them suitable for low voltage
microprocessor applications. The LP3855-ADJ is developed
on a CMOS process which allows low quiescent current
operation independent of output load current. This CMOS
process also allows the LP3855-ADJ to operate under ex-
tremely low dropout conditions.
Dropout Voltage: Ultra low dropout voltage; typically 24mV
at 150mA load current and 240mV at 1.5A load current.
Ground Pin Current: Typically 4mA at 1.5A load current.
Shutdown Mode: Typically 10nA quiescent current when
the shutdown pin is pulled low.
Adjustable Output Voltage: The output voltage may be
programmed via two external resistors.
Features
n
Ultra low dropout voltage
n
Stable with selected ceramic capacitors
n
Low ground pin current
n
Load regulation of 0.06%
n
10nA quiescent current in shutdown mode
n
Guaranteed output current of 1.5A DC
n
Available in TO-263, TO-220 and SOT-223 packages
n
Overtemperature/overcurrent protection
n
−40˚C to +125˚C junction temperature range
Applications
n
Microprocessor power supplies
n
GTL, GTL+, BTL, and SSTL bus terminators
n
Power supplies for DSPs
n
SCSI terminator
n
Post regulators
n
High efficiency linear regulators
n
Battery chargers
n
Other battery powered applications
Typical Application Circuit
20074334
**See Application Hints.
September 2006
© 2006 National Semiconductor Corporation
DS200743
www.national.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
OMR9807SC 200 Krad Si Ultra Low Dropout Linear Regulator Hermetic Package 1  2  3  4  5  International Rectifier
MUR30120PT Ultra Fast Recovery Diodes 1  2  3  List of Unclassifed Manufacturers
DM-3100N Low Cost 3 1/2Digit LED Display in Low Profile Case 1  2  3  4  5  More List of Unclassifed Manufacturers
FXL2TD245 Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent 1  2  3  4  5  More Fairchild Semiconductor
PI5V330A Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux 1  2  3  4  5  More Pericom Semiconductor Corporation
PI49FCT805T Fast CMOS Buffer/Clock Driver 1  2  3  4  5  More Pericom Semiconductor Corporation
PJLC1V5 LOW CAPACITANCE ESD / TRANSIENT DATA LINE PROTECTOR FOR 1.5V SYSTEMS 1  2  3  4  Pan Jit International Inc.
IRG4PC60F-PPBF INSULATED GATE BIPOLAR TRANSISTOR Fast Speed IGBT 1  2  3  4  5  More International Rectifier
LM140JAN Three Terminal Positive Regulators 1  2  3  4  5  More National Semiconductor (TI)

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn