Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LP3855-ADJ Fiches technique(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No de pièce LP3855-ADJ
Description  1.5A Fast Response Ultra Low Dropout Linear Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3855-ADJ Fiches technique(HTML) 3 Page - National Semiconductor (TI)

  LP3855-ADJ Datasheet HTML 1Page - National Semiconductor (TI) LP3855-ADJ Datasheet HTML 2Page - National Semiconductor (TI) LP3855-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LP3855-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LP3855-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LP3855-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LP3855-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LP3855-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LP3855-ADJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Ordering Information
20074331
Package Type Designator is "T" for TO220 package, and "S" for TO263 package.
TABLE 1. Package Marking and Ordering Information
Output
Voltage
Order Number
Current
Description
Package
Type
Package Marking
Supplied As:
ADJ
LP3855EMP-ADJ
1.5A, Adj
SOT223-5
LJ3B
1000 Units on
Tape and Reel
ADJ
LP3855EMPX-ADJ
1.5A, Adj
SOT223-5
LJ3B
2000 Units on
Tape and Reel
ADJ
LP3855ES-ADJ
1.5A
TO263-5
LP3855ES-ADJ
Rail
ADJ
LP3855ESX-ADJ
1.5A
TO263-5
LP3855ES-ADJ
Tape and Reel
ADJ
LP3855ET-ADJ
1.5A
TO220-5
LP3855ET-ADJ
Rail
www.national.com
3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
OMR9807SC 200 Krad Si Ultra Low Dropout Linear Regulator Hermetic Package 1  2  3  4  5  International Rectifier
MUR30120PT Ultra Fast Recovery Diodes 1  2  3  List of Unclassifed Manufacturers
DM-3100N Low Cost 3 1/2Digit LED Display in Low Profile Case 1  2  3  4  5  More List of Unclassifed Manufacturers
FXL2TD245 Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent 1  2  3  4  5  More Fairchild Semiconductor
PI5V330A Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux 1  2  3  4  5  More Pericom Semiconductor Corporation
PI49FCT805T Fast CMOS Buffer/Clock Driver 1  2  3  4  5  More Pericom Semiconductor Corporation
PJLC1V5 LOW CAPACITANCE ESD / TRANSIENT DATA LINE PROTECTOR FOR 1.5V SYSTEMS 1  2  3  4  Pan Jit International Inc.
IRG4PC60F-PPBF INSULATED GATE BIPOLAR TRANSISTOR Fast Speed IGBT 1  2  3  4  5  More International Rectifier
LM140JAN Three Terminal Positive Regulators 1  2  3  4  5  More National Semiconductor (TI)

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn