Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC1451A Fiches technique(PDF) 11 Page - List of Unclassifed Manufacturers

No de pièce MC1451A
Description  Advanced Step Motor Control Chipset
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

MC1451A Fiches technique(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button MC1451A Datasheet HTML 7Page - List of Unclassifed Manufacturers MC1451A Datasheet HTML 8Page - List of Unclassifed Manufacturers MC1451A Datasheet HTML 9Page - List of Unclassifed Manufacturers MC1451A Datasheet HTML 10Page - List of Unclassifed Manufacturers MC1451A Datasheet HTML 11Page - List of Unclassifed Manufacturers MC1451A Datasheet HTML 12Page - List of Unclassifed Manufacturers MC1451A Datasheet HTML 13Page - List of Unclassifed Manufacturers MC1451A Datasheet HTML 14Page - List of Unclassifed Manufacturers MC1451A Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
11
Pinouts
1
9
10
26
27
43
60
44
61
I/O
(Top view)
1
9
10
26
27
43
60
44
61
CP
(Top view)
1
6
7
17
18
28
39
29
40
ENC
(Top view)
(Chip Outlines Not Drawn To Scale)
MC1451A & MC1451A-E Pinouts
CPCntrl2
CPCntrl3
HostCmd
HostRdy
HostRead
HostWrite
HostSlct
HostIntrpt
HostData0
HostData1
HostData2
HostData3
HostData4
HostData5
HostData6
HostData7
CPData4
CPData5
CPData6
CPData7
CPData8
CPData9
CPData10
CPData11
CPAddr0
CPAddr1
28
42
13
26
30
23
40
35
11
39
34
10
46
52
45
29
12
2
20
36
43
Pulse1
Dir1
Home1
Pulse2
Dir2
Home2
Pulse3
Dir3
Home3
Pulse4
Dir4
Home4
CPClk
I/OClkIn
I/OClkOut
CPAddr2
CPAddr3
CPWrite
CPCntrl0
CPCntrl1
CPReset
22
63
41
37
51
47
48
44
50
61
53
65
67
62
64
60
18
5
6
7
8
17
3
1
68
27
VCC
4, 21, 25, 38, 55
GND
14, 15, 32, 49, 54, 66
I/O
CP
Data2
Data3
Data4
Data5
Data6
Data7
Data8
Data9
Data10
Data11
I/OAddr0
I/OAddr1
I/OAddr2
I/OAddr3
I/OWrite
PosLimit1
PosLimit2
PosLimit3
PosLimit4
NegLimit1
NegLimit2
NegLimit3
NegLimit4
56
55
54
53
24
19
17
16
18
68
67
AtRest1
AtRest2
AtRest3
AtRest4
ClkIn
ClkOut
Reset
I/OCntrl0
I/OCntrl1
I/OCntrl2
I/OCntrl3
58
57
50
49
46
43
40
39
36
35
28
9
6
5
15
52
45
42
38
51
44
41
37
VCC
4, 22, 33
GND
3, 34
CPAddr0
CPAddr2
CPAddr3
CPWrite
CPCntrl0
CPData2
CPData3
CPData4
CPData5
CPData6
CPData7
CPData8
CPData9
CPData10
CPData11
30
36
17
18
27
28
5
29
7
33
6
QuadA1
QuadB1
QuadA2
QuadB2
QuadA3
QuadB3
QuadA4
QuadB4
CPClk
I/OClkIn
I/OClkOut
24
20
23
13
15
22
19
9
31
41
42
44
1
12
2
VCC
3, 14, 16, 25, 35
GND
10, 21, 32, 34, 43
ENC


Numéro de pièce similaire - MC1451A

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
MC1451A ETC-MC1451A Datasheet
474Kb / 70P
   Advanced Brushless Motor Control Chipset
MC1451A-E ETC-MC1451A-E Datasheet
474Kb / 70P
   Advanced Brushless Motor Control Chipset
More results

Description similaire - MC1451A

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
MC1231A ETC-MC1231A Datasheet
474Kb / 70P
   Advanced Brushless Motor Control Chipset
MC1141A ETC-MC1141A Datasheet
422Kb / 60P
   Advanced Microstepping Motion Control Chipset
MC73110 ETC-MC73110 Datasheet
1Mb / 40P
   Advanced 3-Phase Motor Control IC
logo
Semtech Corporation
SX812X SEMTECH-SX812X Datasheet
546Kb / 17P
   1V Motor/LED control timer ADVANCED COMMUNICATIONS & SENSING
logo
Winbond
W83194BR-63S WINBOND-W83194BR-63S Datasheet
237Kb / 16P
   STEP-LESS CLOCK FOR SIS CHIPSET
logo
List of Unclassifed Man...
P-NUCLEO-IHM001 ETC2-P-NUCLEO-IHM001 Datasheet
633Kb / 4P
   STM32 Nucleo Pack FOC and 6-step motor control platform
logo
ON Semiconductor
LV8728MR ONSEMI-LV8728MR Datasheet
814Kb / 23P
   Stepper Motor Driver, PWM, Constant-Current Control,1/128 step
June 2016 - Rev. 1
logo
List of Unclassifed Man...
ST-57BYGH ETC2-ST-57BYGH Datasheet
43Kb / 2P
   1.8째HYBRID STEP MOTOR
logo
Texas Instruments
UC1638 TI1-UC1638_13 Datasheet
4Mb / 16P
[Old version datasheet]   Advanced PWM Motor Controller
logo
STMicroelectronics
STSPIN820 STMICROELECTRONICS-STSPIN820 Datasheet
585Kb / 29P
   Advanced 256 microsteps integrated motor driver with step-clock and direction interface
December 2017 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com