Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3808G09DBVT Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS3808G09DBVT
Description  Low Quiescent Current, Programmable-Delay Supervisory Circuit
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS3808G09DBVT Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS3808G09DBVT Datasheet HTML 5Page - Texas Instruments TPS3808G09DBVT Datasheet HTML 6Page - Texas Instruments TPS3808G09DBVT Datasheet HTML 7Page - Texas Instruments TPS3808G09DBVT Datasheet HTML 8Page - Texas Instruments TPS3808G09DBVT Datasheet HTML 9Page - Texas Instruments TPS3808G09DBVT Datasheet HTML 10Page - Texas Instruments TPS3808G09DBVT Datasheet HTML 11Page - Texas Instruments TPS3808G09DBVT Datasheet HTML 12Page - Texas Instruments TPS3808G09DBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
www.ti.com
C
T (nF)
+ tD (s)*0.5
10*3 (s)
175
(1)
1.2V
3.3V
TPS3808G12
TPS3808G33
DSP
SENSE
V
DD
V
DD
SENSE
V
I/O
V
CORE
GPIO
GND
GND
GND
RESET
MR
C
T
C
T
RESET
IMMUNITY TO SENSE PIN VOLTAGE
3.3V
TP S 38 08xx x
V
DD
SENSE
C
T
90k
G ND
SELECTING THE RESET DELAY TIME
Delay (s) = CT (nF) + 0.5 x 10−3 (s)
20ms Delay
300ms Delay
(c)
(b)
(a)
175
3.3V
TPS3808G33
V
DD
SENSE
C
T
RESET
3.3V
TPS3808G33
V
DD
SENSE
C
T
C
T
RESET
3.3V
TPS3808G33
V
DD
SENSE
C
T
50k
RESET
TPS3808
SBVS050F – MAY 2004 – REVISED OCTOBER 2006
affected by the choice of resistor. Figure 14b shows
a fixed 20ms delay time by leaving the CT pin open.
Figure 14c shows a ground referenced capacitor
connected to CT for a user-defined program time
between 1.25ms and 10s.
The capacitor CT should be ≥ 100pF nominal value
in order for the TPS3808xxx to recognize that the
capacitor is present. The capacitor value for a given
delay time can be calculated using the following
equation:
The reset delay time is determined by the time it
Figure 12. Using MR to Monitor Multiple System
takes an on-chip precision 220nA current source to
Voltages
charge the external capacitor to 1.23V. When a
RESET is asserted the capacitor is discharged.
When the RESET conditions are cleared, the internal
current source is enabled and begins to charge the
external
capacitor.
When
the
voltage
on
this
capacitor reaches 1.23V, RESET is de-asserted.
Note that a low leakage type capacitor such as a
ceramic should be used, and that stray capacitance
around this pin may cause errors in the reset delay
time.
TRANSIENTS
Figure 13. Using an External MOSFET to
The TPS3808 is relatively immune to short negative
Minimize IDD When MR Signal Does Not Go to VDD
transients on the SENSE pin. Sensitivity to transients
is dependent on threshold overdrive, as shown in the
Maximum Transient Duration at Sense vs Sense
Threshold Overdrive Voltage graph (Figure 6) in the
The TPS3808 has three options for setting the
Typical Characteristics section.
RESET
delay
time
as
shown
in
Figure
14.
Figure 14a shows the configuration for a fixed 300ms
typical delay time by tying CT to VDD; a resistor from
40k
Ω to 200kΩ must be used. Supply current is not
Figure 14. Configuration Used to Set the RESET Delay Time
9
Submit Documentation Feedback


Numéro de pièce similaire - TPS3808G09DBVT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3808G09DBVT TI-TPS3808G09DBVT Datasheet
417Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G09DBVT TI-TPS3808G09DBVT Datasheet
545Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G09DBVT TI-TPS3808G09DBVT Datasheet
486Kb / 18P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G09DBVT TI-TPS3808G09DBVT Datasheet
689Kb / 20P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G09DBVT TI-TPS3808G09DBVT Datasheet
680Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
More results

Description similaire - TPS3808G09DBVT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3808_101 TI-TPS3808_101 Datasheet
696Kb / 22P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MPQ6400 MPS-MPQ6400 Datasheet
285Kb / 10P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808-EP TI1-TPS3808-EP Datasheet
464Kb / 15P
[Old version datasheet]   LOW QUIESCENT CURRENT, PROGRAMMABLE DELAY SUPERVISORY CIRCUIT
TPS3808 TI1-TPS3808_17 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Quiescent-Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808 Datasheet
417Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808_07 Datasheet
545Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G01-Q1 TI1-TPS3808G01-Q1_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Quiescent-Current Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MP6400 MPS-MP6400 Datasheet
300Kb / 12P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808 TI-TPS3808_10 Datasheet
680Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_0808 TI-TPS3808_0808 Datasheet
689Kb / 20P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com