Moteur de recherche de fiches techniques de composants électroniques |
|
AD8196ACPZ Fiches technique(PDF) 8 Page - Analog Devices |
|
AD8196ACPZ Fiches technique(HTML) 8 Page - Analog Devices |
8 / 24 page AD8196 Preliminary Technical Data PrA | Page 8 of 24 TYPICAL PERFORMANCE CHARACTERISTICS TA = 27°C, AVCC = 3.3 V, VTTI = 3.3 V, VTTO = 3.3 V, DVCC = 3.3 V, AMUXVCC = 5 V, AVEE = 0 V, DVEE = 0 V, differential input swing = 1000 mV, TMDS outputs terminated with external 50 Ω resistors to 3.3 V, pattern = PRBS 27 − 1, data rate = 2.25 Gbps, unless otherwise noted. Figure 4. Test Circuit Diagram for RX Eye Diagrams Figure 5. RX Eye Diagram at TP2 (Cable = 2 m, 30 AWG) Figure 6. RX Eye Diagram at TP2 (Cable = 20 m, 24 AWG) Figure 7. RX Eye Diagram at TP3, EQ = 6 dB (Cable = 2 m, 30 AWG) Figure 8. RX Eye Diagram at TP3, EQ = 12 dB (Cable = 20 m, 24 AWG) |
Numéro de pièce similaire - AD8196ACPZ |
|
Description similaire - AD8196ACPZ |