Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZXTDCM832 Fiches technique(PDF) 6 Page - Zetex Semiconductors

No de pièce ZXTDCM832
Description  MPPS Miniature Package Power Solutions DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZETEX [Zetex Semiconductors]
Site Internet  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXTDCM832 Fiches technique(HTML) 6 Page - Zetex Semiconductors

  ZXTDCM832 Datasheet HTML 1Page - Zetex Semiconductors ZXTDCM832 Datasheet HTML 2Page - Zetex Semiconductors ZXTDCM832 Datasheet HTML 3Page - Zetex Semiconductors ZXTDCM832 Datasheet HTML 4Page - Zetex Semiconductors ZXTDCM832 Datasheet HTML 5Page - Zetex Semiconductors ZXTDCM832 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ZXTDCM832
ISSUE 1 - JUNE 2002
6
Europe
Zetex plc
Fields New Road
Chadderton
Oldham, OL9 8NP
United Kingdom
Telephone (44) 161 622 4422
Fax: (44) 161 622 4420
uksales@zetex.com
Zetex GmbH
Streitfeldstraße 19
D-81673 München
Germany
Telefon: (49) 89 45 49 49 0
Fax: (49) 89 45 49 49 49
europe.sales@zetex.com
Americas
Zetex Inc
700 Veterans Memorial Hwy
Hauppauge, NY11788
USA
Telephone: (631) 360 2222
Fax: (631) 360 8222
usa.sales@zetex.com
Asia Pacific
Zetex (Asia) Ltd
3701-04 Metroplaza, Tower 1
Hing Fong Road
Kwai Fong
Hong Kong
Telephone: (852) 26100 611
Fax: (852) 24250 494
asia.sales@zetex.com
These offices are supported by agents and distributors in major countries world-wide.
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced
for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company
reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
For the latest product information, log on to
www.zetex.com
© Zetex plc 2002
CONTROLLING DIMENSIONS IN MILLIMETRES
APPROX. CONVERTED DIMENSIONS IN INCHES
MLP832 PACKAGE OUTLINE (3mm x 2mm Micro Leaded Package)
DIM
MILLIMETRES
INCHES
DIM
MILLIMETRES
INCHES
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
A
0.80
1.00
0.031
0.039
e
0.65 REF
0.0256 BSC
A1
0.00
0.05
0.00
0.002
E
2.00 BSC
0.0787 BSC
A2
0.65
0.75
0.0255
0.0295
E2
0.43
0.63
0.017
0.0249
A3
0.15
0.25
0.006
0.0098
E4
0.16
0.36
0.006
0.014
b
0.24
0.34
0.009
0.013
L
0.20
0.45
0.0078
0.0157
b1
0.17
0.30
0.0066
0.0118
L2
0.125
0.00
0.005
D
3.00 BSC
0.118 BSC
r
0.075 BSC
0.0029 BSC
D2
0.82
1.02
0.032
0.040
0
12
0
12
D3
1.01
1.21
0.0397
0.0476
MLP832 PACKAGE DIMENSIONS


Numéro de pièce similaire - ZXTDCM832

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
ZXTDCM832 DIODES-ZXTDCM832 Datasheet
568Kb / 6P
   DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXTDCM832TA ZETEX-ZXTDCM832TA Datasheet
224Kb / 6P
   MPPS-TM Miniature Package Power Solutions DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXTDCM832TA DIODES-ZXTDCM832TA Datasheet
568Kb / 6P
   DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXTDCM832TA DIODES-ZXTDCM832TA Datasheet
432Kb / 6P
   DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXTDCM832TC ZETEX-ZXTDCM832TC Datasheet
224Kb / 6P
   MPPS-TM Miniature Package Power Solutions DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
More results

Description similaire - ZXTDCM832

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
ZXTCM322 DIODES-ZXTCM322 Datasheet
400Kb / 6P
   MPPS Miniature Package Power Solutions 50V NPN LOW SATURATION TRANSISTOR
logo
Zetex Semiconductors
ZXTCM322 ZETEX-ZXTCM322 Datasheet
185Kb / 6P
   MPPS??Miniature Package Power Solutions 50V NPN LOW SATURATION TRANSISTOR
ZXTDAM832 ZETEX-ZXTDAM832 Datasheet
216Kb / 6P
   MPPS Miniature Package Power Solutions DUAL 15V NPN LOW SATURATION SWITCHING TRANSISTOR
ZXTDBM832 ZETEX-ZXTDBM832 Datasheet
224Kb / 6P
   MPPS-TM Miniature Package Power Solutions DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXTDC3M832 ZETEX-ZXTDC3M832 Datasheet
266Kb / 8P
   MPPS Miniature Package Power Solutions DUAL 50V NPN & 40V PNP LOW SATURATION TRANSISTOR COMBINATION
ZXTEM322 ZETEX-ZXTEM322 Datasheet
166Kb / 6P
   MPPS Miniature Package Power Solutions 80V NPN LOW SATURATION TRANSISTOR
ZXTEM322 ZETEX-ZXTEM322_06 Datasheet
209Kb / 6P
   MPPS Miniature Package Power Solutions 80V NPN LOW SATURATION TRANSISTOR
ZXTBM322 ZETEX-ZXTBM322 Datasheet
177Kb / 6P
   MPPS??Miniature Package Power Solutions 20V NPN LOW SATURATION TRANSISTOR
ZXTAM322 ZETEX-ZXTAM322 Datasheet
180Kb / 6P
   MPPS Miniature Package Power Solutions 15V NPN LOW SATURATION TRANSISTOR
ZXTD2M832 ZETEX-ZXTD2M832 Datasheet
213Kb / 6P
   MPPS Miniature Package Power Solutions DUAL 20V PNP LOW SATURATION SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com