Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZXTDCM832 Fiches technique(PDF) 5 Page - Zetex Semiconductors

No de pièce ZXTDCM832
Description  MPPS Miniature Package Power Solutions DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZETEX [Zetex Semiconductors]
Site Internet  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXTDCM832 Fiches technique(HTML) 5 Page - Zetex Semiconductors

  ZXTDCM832 Datasheet HTML 1Page - Zetex Semiconductors ZXTDCM832 Datasheet HTML 2Page - Zetex Semiconductors ZXTDCM832 Datasheet HTML 3Page - Zetex Semiconductors ZXTDCM832 Datasheet HTML 4Page - Zetex Semiconductors ZXTDCM832 Datasheet HTML 5Page - Zetex Semiconductors ZXTDCM832 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ZXTDCM832
ISSUE 1 - JUNE 2002
5
1m
10m
100m
1
10
1m
10m
100m
1m
10m
100m
1
10
0.00
0.05
0.10
0.15
0.20
0.25
1m
10m
100m
1
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1m
10m
100m
1
10
0.4
0.6
0.8
1.0
1m
10m
100m
1
10
0.4
0.6
0.8
1.0
0
90
180
270
360
450
540
630
V
CE(SAT) vIC
Tamb=25°C
I
C
/I
B
=100
I
C
/I
B
=50
I
C
/I
B
=10
I
C
Collector Current (A)
V
BE(SAT) vIC
I
C
/I
B
=50
100°C
25°C
-55°C
I
C
Collector Current (A)
h
FE vIC
V
CE
=2V
-55°C
25°C
100°C
I
C
Collector Current (A)
25°C
V
CE(SAT) vIC
I
C
/I
B
=50
100°C
-55°C
I
C
Collector Current (A)
V
BE(ON) vIC
V
CE
=2V
100°C
25°C
-55°C
I
C
Collector Current (A)
TYPICAL CHARACTERISTICS


Numéro de pièce similaire - ZXTDCM832

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
ZXTDCM832 DIODES-ZXTDCM832 Datasheet
568Kb / 6P
   DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXTDCM832TA ZETEX-ZXTDCM832TA Datasheet
224Kb / 6P
   MPPS-TM Miniature Package Power Solutions DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXTDCM832TA DIODES-ZXTDCM832TA Datasheet
568Kb / 6P
   DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXTDCM832TA DIODES-ZXTDCM832TA Datasheet
432Kb / 6P
   DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXTDCM832TC ZETEX-ZXTDCM832TC Datasheet
224Kb / 6P
   MPPS-TM Miniature Package Power Solutions DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
More results

Description similaire - ZXTDCM832

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
ZXTCM322 DIODES-ZXTCM322 Datasheet
400Kb / 6P
   MPPS Miniature Package Power Solutions 50V NPN LOW SATURATION TRANSISTOR
logo
Zetex Semiconductors
ZXTCM322 ZETEX-ZXTCM322 Datasheet
185Kb / 6P
   MPPS??Miniature Package Power Solutions 50V NPN LOW SATURATION TRANSISTOR
ZXTDAM832 ZETEX-ZXTDAM832 Datasheet
216Kb / 6P
   MPPS Miniature Package Power Solutions DUAL 15V NPN LOW SATURATION SWITCHING TRANSISTOR
ZXTDBM832 ZETEX-ZXTDBM832 Datasheet
224Kb / 6P
   MPPS-TM Miniature Package Power Solutions DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXTDC3M832 ZETEX-ZXTDC3M832 Datasheet
266Kb / 8P
   MPPS Miniature Package Power Solutions DUAL 50V NPN & 40V PNP LOW SATURATION TRANSISTOR COMBINATION
ZXTEM322 ZETEX-ZXTEM322 Datasheet
166Kb / 6P
   MPPS Miniature Package Power Solutions 80V NPN LOW SATURATION TRANSISTOR
ZXTEM322 ZETEX-ZXTEM322_06 Datasheet
209Kb / 6P
   MPPS Miniature Package Power Solutions 80V NPN LOW SATURATION TRANSISTOR
ZXTBM322 ZETEX-ZXTBM322 Datasheet
177Kb / 6P
   MPPS??Miniature Package Power Solutions 20V NPN LOW SATURATION TRANSISTOR
ZXTAM322 ZETEX-ZXTAM322 Datasheet
180Kb / 6P
   MPPS Miniature Package Power Solutions 15V NPN LOW SATURATION TRANSISTOR
ZXTD2M832 ZETEX-ZXTD2M832 Datasheet
213Kb / 6P
   MPPS Miniature Package Power Solutions DUAL 20V PNP LOW SATURATION SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com