Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZXTDCM832 Fiches technique(PDF) 4 Page - Zetex Semiconductors

No de pièce ZXTDCM832
Description  MPPS Miniature Package Power Solutions DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZETEX [Zetex Semiconductors]
Site Internet  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXTDCM832 Fiches technique(HTML) 4 Page - Zetex Semiconductors

  ZXTDCM832 Datasheet HTML 1Page - Zetex Semiconductors ZXTDCM832 Datasheet HTML 2Page - Zetex Semiconductors ZXTDCM832 Datasheet HTML 3Page - Zetex Semiconductors ZXTDCM832 Datasheet HTML 4Page - Zetex Semiconductors ZXTDCM832 Datasheet HTML 5Page - Zetex Semiconductors ZXTDCM832 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ZXTDCM832
ISSUE 1 - JUNE 2002
4
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base Breakdown
Voltage
V(BR)CBO
100
190
V
IC=100 A
Collector-Emitter Breakdown
Voltage
V(BR)CEO
50
65
V
IC=10mA*
Emitter-Base Breakdown Voltage
V(BR)EBO
7.5
8.2
V
IE=100 A
Collector Cut-Off Current
ICBO
25
nA
VCB=80V
Emitter Cut-Off Current
IEBO
25
nA
VEB=6V
Collector Emitter Cut-Off Current
ICES
25
nA
VCES=40V
Collector-Emitter Saturation
Voltage
VCE(sat)
10
70
145
115
225
270
20
100
200
220
300
320
mV
mV
mV
mV
mV
mV
IC=0.1A, IB=10mA*
IC=1A, IB=50mA*
IC=1A, IB=10mA*
IC=2A, IB=50mA*
IC=3A, IB=100mA*
IC=4A, IB=200mA*
Base-Emitter Saturation Voltage
VBE(sat)
1.00
1.05
V
IC=4A, IB=200mA*
Base-Emitter Turn-On Voltage
VBE(on)
0.94
1.00
V
IC=4A, VCE=2V*
Static Forward Current Transfer
Ratio
hFE
200
300
200
100
400
450
400
225
40
IC=10mA, VCE=2V*
IC=0.2A, VCE=2V*
IC=1A, VCE=2V*
IC=2A, VCE=2V*
IC=6A, VCE=2V*
Transition Frequency
fT
100
165
MHz
IC=50mA, VCE=10V
f=100MHz
Output Capacitance
Cobo
12
20
pF
VCB=10V, f=1MHz
Turn-On Time
t(on)
170
ns
VCC=10V, IC=1A
IB1=IB2=10mA
Turn-Off Time
t(off)
750
ns
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤ 2%


Numéro de pièce similaire - ZXTDCM832

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
ZXTDCM832 DIODES-ZXTDCM832 Datasheet
568Kb / 6P
   DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXTDCM832TA ZETEX-ZXTDCM832TA Datasheet
224Kb / 6P
   MPPS-TM Miniature Package Power Solutions DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXTDCM832TA DIODES-ZXTDCM832TA Datasheet
568Kb / 6P
   DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXTDCM832TA DIODES-ZXTDCM832TA Datasheet
432Kb / 6P
   DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXTDCM832TC ZETEX-ZXTDCM832TC Datasheet
224Kb / 6P
   MPPS-TM Miniature Package Power Solutions DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
More results

Description similaire - ZXTDCM832

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
ZXTCM322 DIODES-ZXTCM322 Datasheet
400Kb / 6P
   MPPS Miniature Package Power Solutions 50V NPN LOW SATURATION TRANSISTOR
logo
Zetex Semiconductors
ZXTCM322 ZETEX-ZXTCM322 Datasheet
185Kb / 6P
   MPPS??Miniature Package Power Solutions 50V NPN LOW SATURATION TRANSISTOR
ZXTDAM832 ZETEX-ZXTDAM832 Datasheet
216Kb / 6P
   MPPS Miniature Package Power Solutions DUAL 15V NPN LOW SATURATION SWITCHING TRANSISTOR
ZXTDBM832 ZETEX-ZXTDBM832 Datasheet
224Kb / 6P
   MPPS-TM Miniature Package Power Solutions DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXTDC3M832 ZETEX-ZXTDC3M832 Datasheet
266Kb / 8P
   MPPS Miniature Package Power Solutions DUAL 50V NPN & 40V PNP LOW SATURATION TRANSISTOR COMBINATION
ZXTEM322 ZETEX-ZXTEM322 Datasheet
166Kb / 6P
   MPPS Miniature Package Power Solutions 80V NPN LOW SATURATION TRANSISTOR
ZXTEM322 ZETEX-ZXTEM322_06 Datasheet
209Kb / 6P
   MPPS Miniature Package Power Solutions 80V NPN LOW SATURATION TRANSISTOR
ZXTBM322 ZETEX-ZXTBM322 Datasheet
177Kb / 6P
   MPPS??Miniature Package Power Solutions 20V NPN LOW SATURATION TRANSISTOR
ZXTAM322 ZETEX-ZXTAM322 Datasheet
180Kb / 6P
   MPPS Miniature Package Power Solutions 15V NPN LOW SATURATION TRANSISTOR
ZXTD2M832 ZETEX-ZXTD2M832 Datasheet
213Kb / 6P
   MPPS Miniature Package Power Solutions DUAL 20V PNP LOW SATURATION SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com