Moteur de recherche de fiches techniques de composants électroniques |
|
SLC8T500 Fiches technique(PDF) 8 Page - ITT Industries |
|
SLC8T500 Fiches technique(HTML) 8 Page - ITT Industries |
8 / 16 page 11 www.ittcannon.com Dimensions shown in mm Specifications and dimensions subject to change In-line Receptacle* (Mates with SLC Type P) Size Rating Part Number Description A ØB C Ref. 5 5 A 098531-0000 SLC-5B5-00 24,13 (.950) 18,03 (.710) 24,38 (.960) 5 13 A 098531-0001 SLC-5B13-00 23,75 (.935) 18,03 (.710) 24,38 (.960) 10 5 A 098531-0002 SLC-10B5-00 31,24 (1.230) 25,15 (.990) 31,62 (1.245) 10 13 A 098531-0003 SLC-10B13-00 30,86 (1.215) 25,15 (.990) 31,62 (1.245) *PCB Contacts are factory installed. Front-Face View 5 Cavity Housing Front-Face View 10 Cavity Housing Side View In-Line Receptacle With PCB Contacts Snap/Clip-Lock Environmentally Sealed - Circular Receptacle, PCB* (Type B) SLC-5, SLC-10 Cannon SLC/SLC-T/CLC Recommended PCB Layout |
Numéro de pièce similaire - SLC8T500 |
|
Description similaire - SLC8T500 |