Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MTB1-16PL202 Fiches technique(PDF) 5 Page - ITT Industries

No de pièce MTB1-16PL202
Description  Microstrips .050 Contact Spacing
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

MTB1-16PL202 Fiches technique(HTML) 5 Page - ITT Industries

  MTB1-16PL202 Datasheet HTML 1Page - ITT Industries MTB1-16PL202 Datasheet HTML 2Page - ITT Industries MTB1-16PL202 Datasheet HTML 3Page - ITT Industries MTB1-16PL202 Datasheet HTML 4Page - ITT Industries MTB1-16PL202 Datasheet HTML 5Page - ITT Industries MTB1-16PL202 Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Polarization
52
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
Microminiature Strip - .100/.050" Contact Spacing
MT
Modification code "-01" in the part number
refers to guide posts located on both ends
of the socket side of the 50-MIL STRIP
connector and empty cavities on the pin
side to accept the guide posts.
Although in many cases it is not necessary
to polarize 50-MIL STRIP connectors, there
are several ways to prevent cross plugging.
One method is the use of guide posts that
can be located in specified cavities to assure
that the contacts will align when these post
are positioned before mating.
MTB1 and MTV1 - .050 (1.27) Contact Centers
Receptacle
Plug
.200 ± .010
(5.08 ± 0.25)
.032 ± .003
(0.81 ± 0.08)
DIA.
.126 ± .005
(3.20 ± 0.13)
.100 ± .005
(2.54 ± 0.13)
LEAD
LENGTH
.125 (3.18)
MAX. EPOXY
(INSULATED WIRE ONLY)
.050 (1.27) TYP.
A
A
CAVITY
#1
CAVITY
#1
CAVITY
#1
.283 ± .005
(7.19 ± 0.13)
LEAD
LENGTH
.125 (3.18)
MAX. EPOXY
(INSULATED WIRE ONLY)
CAVITY
#1
.070 ± .005 (1.78 ± 0.13): MTV
.080 ± .005 (2.03 ± 0.13): MTB
.070 ± .005 (1.78 ± 0.13): MTV
.080 ± .005 (2.03 ± 0.13): MTB
.050 (1.27) TYP.
NOTE: MTB1 available in up to 120 contacts.
Part
Number
by Size
MT*1-1**
MT*1-2**
MT*1-3**
MT*1-4**
MT*1-5**
MT*1-6**
MT*1-7**
MT*1-8**
MT*1-9**
MT*1-10**
MT*1-11**
MT*1-12**
MT*1-13**
MT*1-14**
MT*1-15**
MT*1-16**
MT*1-17**
MT*1-18**
MT*1-19**
MT*1-20**
.070 (1.78)
.120 (3.05)
.170 (4.32)
.220 (5.59)
.270 (6.85)
.320 (8.13)
.370 (9.40)
.420 (10.67)
.470 (11.94)
.520 (13.60)
.570 (14.48)
.620 (15.75)
.670 (17.02)
.720 (18.29)
.770 (19.56)
.820 (20.83)
.870 (22.10)
.920 (23.37)
.970 (24.64)
1.020 (25.91)
1.070 (27.18)
1.120 (28.45)
1.170 (29.72)
1.220 (30.99)
1.270 (32.36)
1.320 (33.53)
1.370 (34.80)
1.420 (36.07)
1.470 (37.34)
1.520 (38.61)
1.570 (39.88)
1.620 (41.15)
1.670 (42.42)
1.720 (43.69)
1.770 (44.96)
1.820 (46.23)
1.870 (47.50)
1.920 (48.77)
1.970 (50.04)
2.020 (51.31)
2.070 (52.58)
2.120 (53.85)
2.170 (55.12)
2.220 (56.39)
2.270 (57.66)
2.320 (58.93)
2.370 (60.20)
2.420 (61.47)
2.470 (62.74)
2.520 (64.01)
2.570 (65.28)
2.620 (66.55)
2.670 (67.82)
2.720 (69.09)
2.770 (70.36)
2.820 (71.63)
2.870 (72.90)
2.920 (74.17)
2.970 (75.44)
3.020 (76.71)
3.070 (77.98)
3.120 (79.25)
3.170 (80.52)
3.220 (81.79)
3.270 (83.06)
3.320 (84.33)
3.370 (85.60)
3.420 (86.87)
3.470 (88.14)
3.520 (89.41)
3.570 (90.68)
3.620 (91.95)
3.670 (93.22)
3.720 (94.49)
3.770 (95.76)
3.820 (97.03)
3.870 (98.30)
3.920 (99.57)
3.970 (100.84)
4.020 (102.11)
4.070 (103.38)
4.120 (104.65)
4.170 (105.92)
4.220 (107.19)
4.270 (108.46)
4.320 (109.73)
4.370 (111.00)
4.420 (112.27)
4.470 (113.54)
4.520 (114.81)
4.570 (116.08)
4.620 (117.35)
4.670 (118.62)
4.720 (119.89)
4.770 (121.16)
4.820 (122.43)
4.870 (123.70)
4.920 (124.97)
4.970 (126.24)
5.020 (127.50)
5.070 (128.78)
5.120 (130.05)
5.170 (131.32)
5.220 (132.59)
5.270 (133.86)
5.320 (135.13)
5.370 (136.40)
5.420 (137.67)
5.470 (138.94)
5.520 (140.21)
5.570 (141.48)
5.620 (142.75)
5.670 (144.02)
5.720 (145.29)
5.770 (146.56)
5.820 (147.83)
5.870 (149.10)
5.920 (150.37)
5.970 (151.64)
6.020 (152.91)
MT*1-21**
MT*1-22**
MT*1-23**
MT*1-24**
MT*1-25**
MT*1-26**
MT*1-27**
MT*1-28**
MT*1-29**
MT*1-30**
MT*1-31**
MT*1-32**
MT*1-33**
MT*1-34**
MT*1-35**
MT*1-36**
MT*1-37**
MT*1-38**
MT*1-39**
MT*1-40**
MT*1-41**
MT*1-42**
MT*1-43**
MT*1-44**
MT*1-45**
MT*1-46**
MT*1-47**
MT*1-48**
MT*1-49**
MT*1-50**
MT*1-51**
MT*1-52**
MT*1-53**
MT*1-54**
MT*1-55**
MT*1-56**
MT*1-57**
MT*1-58**
MT*1-59**
MT*1-60**
MT*1-61**
MT*1-62**
MT*1-63**
MT*1-64**
MT*1-65**
MT*1-66**
MT*1-67**
MT*1-68**
MT*1-69**
MT*1-70**
MT*1-71**
MT*1-72**
MT*1-73**
MT*1-74**
MT*1-75**
MT*1-76**
MT*1-77**
MT*1-78**
MT*1-79**
MT*1-80**
MT*1-81**
MT*1-82**
MT*1-83**
MT*1-84**
MT*1-85**
MT*1-86**
MT*1-87**
MT*1-88**
MT*1-89**
MT*1-90**
MT*1-91**
MT*1-92**
MT*1-93**
MT*1-94**
MT*1-95**
MT*1-96**
MT*1-97**
MT*1-98**
MT*1-99**
MT*1-100**
MT*1-101**
MT*1-102**
MT*1-103**
MT*1-104**
MT*1-105**
MT*1-106**
MT*1-107**
MT*1-108**
MT*1-109**
MT*1-110**
MT*1-111**
MT*1-112**
MT*1-113**
MT*1-114**
MT*1-115**
MT*1-116**
MT*1-117**
MT*1-118**
MT*1-119**
MT*1-120**
Part
Number
by Size
A
±.015 (0.38)
A
±.015 (0.38)
Part
Number
by Size
A
±.015 (0.38)
Part
Number
by Size
A
±.015 (0.38)
Part
Number
by Size
A
±.015 (0.38)
Part
Number
by Size
A
±.015 (0.38)


Numéro de pièce similaire - MTB1-16PL202

FabricantNo de pièceFiches techniqueDescription
logo
Marktech Corporate
MTB10000-G MARKTECH-MTB10000-G Datasheet
36Kb / 1P
   Marktech Bar Graph Array (10 Segment)
MTB10000-G-A MARKTECH-MTB10000-G-A Datasheet
192Kb / 3P
   Standard LEDs
MTB10000-HR MARKTECH-MTB10000-HR Datasheet
36Kb / 1P
   Marktech Bar Graph Array (10 Segment)
MTB10000-HR-A MARKTECH-MTB10000-HR-A Datasheet
199Kb / 3P
   Standard LEDs
MTB10000-O MARKTECH-MTB10000-O Datasheet
36Kb / 1P
   Marktech Bar Graph Array (10 Segment)
More results

Description similaire - MTB1-16PL202

FabricantNo de pièceFiches techniqueDescription
logo
ITT Industries
MEB1-128PL ITT-MEB1-128PL Datasheet
196Kb / 5P
   Micro Edgeboard - .050 Contact Spacing
MIKM6-55P ITT-MIKM6-55P Datasheet
173Kb / 4P
   Microminiature Circular - .050 Contact Spacing
MIK6-55PH067 ITT-MIK6-55PH067 Datasheet
201Kb / 4P
   Microminiature Circular - .050 Contact Spacing
MIK6-55PH084 ITT-MIK6-55PH084 Datasheet
201Kb / 4P
   Microminiature Circular - .050 Contact Spacing
logo
List of Unclassifed Man...
MDM-21PCBRP ETC2-MDM-21PCBRP Datasheet
825Kb / 17P
   The Micro Line - .050" Contact Spacing
MDM-51PCBRP ETC2-MDM-51PCBRP Datasheet
825Kb / 17P
   The Micro Line - .050" Contact Spacing
logo
ITT Industries
MDM-25PSB ITT-MDM-25PSB Datasheet
825Kb / 17P
   The Micro Line - .050 Contact Spacing
MDM-PCB ITT-MDM-PCB Datasheet
198Kb / 4P
   Micro-D PCB - .050 Contact Spacing
MDM ITT-MDM Datasheet
321Kb / 8P
   Micro-D Metal Shell - .050 Contact Spacing
logo
List of Unclassifed Man...
MDM-25PH001L ETC2-MDM-25PH001L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com