Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54614QPWPRQ1 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce TPS54614QPWPRQ1
Description  3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS54614QPWPRQ1 Fiches technique(HTML) 1 Page - Texas Instruments

  TPS54614QPWPRQ1 Datasheet HTML 1Page - Texas Instruments TPS54614QPWPRQ1 Datasheet HTML 2Page - Texas Instruments TPS54614QPWPRQ1 Datasheet HTML 3Page - Texas Instruments TPS54614QPWPRQ1 Datasheet HTML 4Page - Texas Instruments TPS54614QPWPRQ1 Datasheet HTML 5Page - Texas Instruments TPS54614QPWPRQ1 Datasheet HTML 6Page - Texas Instruments TPS54614QPWPRQ1 Datasheet HTML 7Page - Texas Instruments TPS54614QPWPRQ1 Datasheet HTML 8Page - Texas Instruments TPS54614QPWPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TPS54611Q1,TPS54612Q1
TPS54613Q1,TPS54614Q1
TPS54615Q1,TPS54616Q1
SGLS266D − OCTOBER 2004 − REVISED DECEMBER 2004
3V TO 6V INPUT, 6A OUTPUT SYNCHRONOUS BUCK PWM
SWITCHER WITH INTEGRATED FETs (SWIFT)
Typical Size
6,6 mm X 9,8 mm
FEATURES
D Qualification in Accordance With AEC-Q100(1)
D Qualified for Automotive Applications
D Customer-Specific Configuration Control Can
Be Supported Along With Major-Change
Approval
D 30-mΩ, 12-A Peak MOSFET Switches for High
Efficiency at 6-A Continuous Output Source
and Sink
D 0.9-V, 1.2-V, 1.5-V, 1.8-V, 2.5-V, and 3.3-V Fixed
Output Voltage Devices With 1% Initial
Accuracy
D Internally Compensated for Easy Use and
Minimal Component Count
D Fast Transient Response
D Wide PWM Frequency − Fixed 350 kHz,
550 kHz or Adjustable 280 kHz to 700 kHz
D Load Protected by Peak Current Limit and
Thermal Shutdown
D Integrated Solution Reduces Board Area and
Total Cost
(1) Contact Texas Instruments for details. Q100 qualification data
available on request.
APPLICATIONS
D Low-Voltage, High-Density Systems With
Power Distributed at 5 V or 3.3 V
D Point of Load Regulation for High
Performance DSPs, FPGAs, ASICs and
Microprocessors
D Broadband, Networking and Optical
Communications Infrastructure
D Portable Computing/Notebook PCs
DESCRIPTION
The SWIFT
 family of dc/dc regulators, the TPS54611,
TPS54612, TPS54613, TPS54614, TPS54615, and
TPS54616
low-input
voltage
high-output
current
synchronous-buck PWM converters integrate all required
active components. Included on the substrate are true,
high-performance, voltage error amplifiers that provide
high
performance
under
transient
conditions;
an
under-voltage-lockout circuit to prevent start-up until the
input voltage reaches 3 V; an internally and externally set
slow-start circuit to limit in-rush currents; and a power good
output useful for processor/logic reset, fault signaling, and
supply sequencing.
The TPS54611−6 devices are available in a thermally
enhanced 28-pin TSSOP (PWP) PowerPAD
 package,
which eliminates bulky heatsinks. Texas Instruments
provides evaluation modules and the SWIFT
 designer
software tool to aid in quickly achieving high-performance
power supply designs to meet aggressive equipment
development cycles.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2001−2004, Texas Instruments Incorporated
PowerPAD and SWIFT are trademarks of Texas Instruments.


Numéro de pièce similaire - TPS54614QPWPRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54614QPWPRQ1 TI-TPS54614QPWPRQ1 Datasheet
344Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT,6-A OUTPUT SYNCHRONOUS BUCK PWM
More results

Description similaire - TPS54614QPWPRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54611-EP TI1-TPS54611-EP Datasheet
789Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54611 TI1-TPS54611 Datasheet
1Mb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54616MPWPREP TI-TPS54616MPWPREP Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54610PWPR TI-TPS54610PWPR Datasheet
1,019Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54610-EP TI1-TPS54610-EP Datasheet
829Kb / 24P
[Old version datasheet]   3 V TO 6 V INPUT, 6 A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54612MPWPREP TI-TPS54612MPWPREP Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54610-Q1 TI1-TPS54610-Q1 Datasheet
546Kb / 23P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54310-EP TI1-TPS54310-EP_16 Datasheet
743Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54310PWPRG4 TI-TPS54310PWPRG4 Datasheet
739Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54610 TI-TPS54610_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS54610 3-V to 6-V Input, 6-A Output Synchronous Buck PWM Switcher with Integrated FETs (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com