Moteur de recherche de fiches techniques de composants électroniques |
|
MTB1-40PL5701 Fiches technique(PDF) 6 Page - ITT Industries |
|
MTB1-40PL5701 Fiches technique(HTML) 6 Page - ITT Industries |
6 / 6 page 53 www.ittcannon.com Dimensions shown in inch (mm) Specifications and dimensions subject to change Microminiature Strip - .100/.050" Contact Spacing MT MTB2 and MTV2 - .100 (2.54) Contact Centers Receptacle Plug .200 ± .010 (5.08 ± 0.25) .032 ± .003 (0.81 ± 0.08) DIA. .126 ± .005 (3.20 ± 0.13) .100 ± .005 (2.54 ± 0.13) LEAD LENGTH .125 (3.18) MAX. EPOXY (INSULATED WIRE ONLY) .100 (2.54) TYP. A A CAVITY #1 CAVITY #1 CAV #1 .283 ± .005 (7.19 ± 0.13) LEAD LENGTH .125 (3.18) MAX. EPOXY (INSULATED WIRE ONLY) CAVITY #1 .070 ± .005 (1.78 ± 0.13): MTV .080 ± .005 (2.03 ± 0.13): MTB .070 ± .005 (1.78 ± 0.13): MTV .080 ± .005 (2.03 ± 0.13): MTB .100 (2.54) TYP. Part Number by Size MT*2-1** MT*2-2** MT*2-3** MT*2-4** MT*2-5** MT*2-6** MT*2-7** MT*2-8** MT*2-9** MT*2-10** MT*2-11** MT*2-12** MT*2-13** MT*2-14** MT*2-15** MT*2-16** MT*2-17** MT*2-18** MT*2-19** MT*2-20** MT*2*21** MT*2-22** MT*2-23** MT*2-24** MT*2-25** MT*2-26** MT*2-27** MT*2-28** MT*2-29** MT*2-30** MT*2-31** MT*2-32** MT*2-33** MT*2-34** MT*2-35** MT*2-36** MT*2-37** MT*2-38** MT*2-39** MT*2-40** MT*2-41** MT*2-42** MT*2-43** MT*2-44** MT*2-45** MT*2-46** MT*2-47** MT*2-48** MT*2-49** MT*2-50** MT*2*51** MT*2-52** MT*2-53** MT*2-54** MT*2-55** MT*2-56** MT*2-57** MT*2-58** MT*2-59** MT*2-60** .070 (1.78) .170 (4.32) .270 (6.86) .370 (9.40) .470 (11.94) .570 (14.48) .670 (17.02) .770 (19.56) .870 (22.10) .970 (24.64) 1.070 (27.18) 1.170 (29.72) 1.270 (32.26) 1.370 (34.80) 1.470 (37.34) 1.570 (39.88) 1.670 (42.42) 1.770 (44.96) 1.870 (47.50) 1.970 (50.04) 2.070 (52.58) 2.170 (55.12) 2.270 (57.66) 2.370 (60.20) 2.470 (62.74) 2.570 (65.28) 2.670 (67.82) 2.770 (70.36) 2.870 (72.90) 2.970 (75.44) A ±.015 (0.38) Part Number by Size A ±.015 (0.38) 3.070 (77.98) 3.170 (80.52) 3.270 (83.06) 3.370 (85.60) 3.470 (88.14) 3.570 (90.68) 3.670 (93.22) 3.770 (95.76) 3.870 (98.30) 3.970 (100.84) 4.070 (103.38) 4.170 (105.92) 4.270 (108.46) 4.370 (111.00) 4.470 (113.54) 4.570 (116.08) 4.670 (118.62) 4.770 (121.16) 4.870 (123.70) 4.970 (126.24) 5.070 (128.78) 5.170 (131.32) 5.270 (133.86) 5.370 (136.40) 5.470 (138.94) 5.570 (141.48) 5.670 (144.02) 5.770 (146.56) 5.870 (149.10) 5.970 (151.64) |
Numéro de pièce similaire - MTB1-40PL5701 |
|
Description similaire - MTB1-40PL5701 |