Moteur de recherche de fiches techniques de composants électroniques |
|
MTB1-40PH06701 Fiches technique(PDF) 2 Page - ITT Industries |
|
MTB1-40PH06701 Fiches technique(HTML) 2 Page - ITT Industries |
2 / 6 page 49 www.ittcannon.com Dimensions shown in inch (mm) Specifications and dimensions subject to change Microstrips .050" Contact Spacing MT How to Order R MTV1 – 16 P H001 01 RoHS Compliance Series MTB1 – High Temperature Diallyl Phthalate 150°C (Recommended for severe environments) MTV1 – Polyester 125°C (Recommended for general purpose use) Number of Cavities 2 through 40. This number is the total number of cavities including guide pins and latches. 40 positions is the maximum recommended size for standard strips, but sizes up to 120 positions are available on request. Contact Type P- Pin S – Socket Termination Style Solder Cup contacts for customer termination S Pre-wired Pigtails H067 – Pre-wired pigtail with 18” of insulated Teflon wire per M22759/11, #26 AWG, 19 strand, yellow HY01 – Pre-wired pigtail with 18” of insulated Teflon wire per M22759/11, #26 AWG, 19 strand, 10 color repeating Straight Terminals .018” diameter, gold-plated L1 – 5” extension L2 – 1” extension L57 – .190” extension L61 – .125” extension Right Angle Terminals staggered footprint .018” diameter, gold plated AL57 – .190” extension AL61 – .125” extension Right Angle Terminals .050" in-line footprint .018" diameter, gold plated BL57 – .190” extension BL61 – .125” extension Surface Mount .018” diameter, gold-plated CL1 Guide Pin and Latch Options 01 – Guide pin installed in end cavities of socket strip. Blank holes in end cavities of pin strip. 02 – Guide pin installed in cavity #1 of socket Strip. Blank holes in cavity #1 of pin strip. 03 – Spring latches installed in end cavities of socket strip. Latch clips installed in end cavities of pin strip. For use with MTV1 only. 04 – Spring latch installed in center cavity of socket strip. Spring latch installed in center cavity of pin strip. For use with MTV1 only. Socket Strip Pin Strip 01 Guide Pins In End Cavities 02 Guide Pins In Cavity #1 03 End Latches 04 Center Latch |
Numéro de pièce similaire - MTB1-40PH06701 |
|
Description similaire - MTB1-40PH06701 |