Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF720A Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce IRF720A
Description  Advanced Power MOSFET (400V, 1.8ohm, 3.3A)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRF720A Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  IRF720A Datasheet HTML 1Page - Fairchild Semiconductor IRF720A Datasheet HTML 2Page - Fairchild Semiconductor IRF720A Datasheet HTML 3Page - Fairchild Semiconductor IRF720A Datasheet HTML 4Page - Fairchild Semiconductor IRF720A Datasheet HTML 5Page - Fairchild Semiconductor IRF720A Datasheet HTML 6Page - Fairchild Semiconductor IRF720A Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRF720A
400
--
2.0
--
--
--
--
--
0.54
--
--
--
--
--
60
27
12
17
51
18
19
2.7
11.1
--
--
4.0
100
-100
10
100
1.8
--
500
70
33
35
45
110
45
26
--
--
2.25
385
--
--
--
230
1.16
3.3
13
1.5
--
--
Notes;
(1) Repetitive Rating: Pulse Width Limited by Maximum Junction Temperature
(2) L=40mH, I
AS=3.3A, VDD=50V, RG=27, Starting TJ =25°C
(3) I
SD ≤ 3.3A, di/dt ≤ 110A/µs, VDD ≤ BVDSS , Starting TJ =25°C
(4) Pulse Test: Pulse Width = 250
µs, Duty Cycle ≤ 2%
(5) Essentially Independent of Operating Temperature
1&+$11(/
32:(5 026)(7
Electrical Characteristics (T
C=25°C unless otherwise specified)
Drain-Source Breakdown Voltage
Breakdown Voltage Temp. Coeff.
Gate Threshold Voltage
Gate-Source Leakage , Forward
Gate-Source Leakage , Reverse
Characteristic
Symbol
Max. Units
Typ.
Min.
Test Condition
Static Drain-Source
On-State Resistance
Forward Transconductance
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Turn-On Delay Time
Rise Time
Turn-Off Delay Time
Fall Time
Total Gate Charge
Gate-Source Charge
Gate-Drain ( Miller ) Charge
gfs
Ciss
Coss
Crss
td(on)
tr
td(off)
tf
Qg
Qgs
Qgd
BVDSS
∆BV/∆T
J
VGS(th)
RDS(on)
IGSS
IDSS
V
V/
°C
V
nA
µA
pF
ns
nC
--
--
--
--
--
--
--
--
--
--
--
--
--
VGS=0V,ID=250µA
ID=250µA
See Fig 7
VDS=5V,ID=250µA
VGS=30V
VGS=-30V
VDS=400V
VDS=320V,TC=125°C
VGS=10V,ID=1.65A
(4)
VDS=50V,ID=1.65A
(4)
VDD=200V,ID=3.3A,
RG=18Ω
See Fig 13
(4) (5)
VDS=320V,VGS=10V,
ID=3.3A
See Fig 6 & Fig 12 (4) (5)
Drain-to-Source Leakage Current
VGS=0V,VDS=25V,f =1MHz
See Fig 5
Source-Drain Diode Ratings and Characteristics
Continuous Source Current
Pulsed-Source Current
(1)
Diode Forward Voltage
(4)
Reverse Recovery Time
Reverse Recovery Charge
IS
ISM
VSD
trr
Qrr
Characteristic
Symbol
Max. Units
Typ.
Min.
Test Condition
--
--
--
--
--
A
V
ns
µC
Integral reverse pn-diode
in the MOSFET
TJ=25°C,IS=3.3A,VGS=0V
TJ=25°C,IF=3.3A
diF/dt=100A/µs
(4)


Numéro de pièce similaire - IRF720A

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
IRF720A ISC-IRF720A Datasheet
203Kb / 2P
   N-Channel Mosfet Transistor
More results

Description similaire - IRF720A

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
IRF720 INTERSIL-IRF720 Datasheet
54Kb / 7P
   3.3A, 400V, 1.800 Ohm, N-Channel Power MOSFET
logo
International Rectifier
IRFR320 IRF-IRFR320 Datasheet
177Kb / 6P
   Power MOSFET(Vdss=400V, Rds(on)=1.8ohm, Id=3.1A)
IRFI720G IRF-IRFI720G Datasheet
170Kb / 6P
   Power MOSFET(Vdss=400V, Rds(on)=1.8ohm, Id=2.6A)
IRFD320 IRF-IRFD320 Datasheet
478Kb / 8P
   Power MOSFET(Vdss=400V, Rds(on)=1.8ohm, Id=0.49A)
IRF720SPBF IRF-IRF720SPBF Datasheet
974Kb / 8P
   HEXFET POWER MOSFET (VDSS = 400V , RDS(on) = 1.8廓 , ID = 3.3A )
logo
Fairchild Semiconductor
IRF710A FAIRCHILD-IRF710A Datasheet
226Kb / 7P
   Advanced Power MOSFET (400V, 3.6ohm, 2A)
logo
International Rectifier
JANTX2N6792 IRF-JANTX2N6792 Datasheet
234Kb / 6P
   POWER MOSFET N-CHANNEL(BVss=400V, Rds(on)=1.8ohm, Id=2.0A)
logo
Will Semiconductor Ltd.
WPMD2084 WILLSEMI-WPMD2084 Datasheet
439Kb / 7P
   Dual P-Channel, -20V, -3.3A, Power MOSFET
logo
Intersil Corporation
IRF610 INTERSIL-IRF610 Datasheet
55Kb / 7P
   3.3A, 200V, 1.500 Ohm, N-Channel Power MOSFET
IRF320 INTERSIL-IRF320 Datasheet
67Kb / 7P
   2.8A and 3.3A, 350V and 400V, 1.8 and 2.5 Ohm, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com