Moteur de recherche de fiches techniques de composants électroniques |
|
TD1B9MPP-C Fiches technique(PDF) 1 Page - ITT Industries |
|
TD1B9MPP-C Fiches technique(HTML) 1 Page - ITT Industries |
1 / 3 page www.ittcannon.com 304 Dimensions are shown in inches (millimeters). Dimensions subject to change. MIL-C-24308 Filter Connectors TD1* How to Order Performance and Material Specifications ELECTRICAL DATA MATERIALS AND FINISHES ITT Cannon has developed a line of filter connectors to meet the industry's demand fo improved control of Radio Frequency and Electro-Magnetic Inter- ference (RFI/EMI). These TD1* filter connectors, have been designed to combine the functions of a standard electrical connector and feed-thru filters into one compact package. In addition to offering greater design flexibility and system reliability, they are designed for applications where space and weight are prime considerations. These connectors are intermateable with all standard D subminiature connectors. They are also intermateable with MIL- C-24308 types and meet applicable portions of that specification. ALL TD1* filter contact assemblies are tested 100% during in-process and final inspection, for capac- itance, insulation resistance and dielectric with- standing voltage. Attenuation is checked as re- quired for each type of filter to assure performance to guaranteed levels. Note: The TD1* replaces the obsolete TD*J and D*J Series FILTER SERIES INDICATOR T D 1 E A B C D 9 15 25 37 50 L M T H P S H M P C - FILTER SERIES INDICATOR T - Transverse Monolith L - Low frequency M - Mid-range frequency T - Standard frequecy H - High frequency Consult factory. Both 90˚ and straight types are available. See page 305 Lack of termination indicator signifiles solder cup. C - Clinch nut P - Pin contacts S - Socket contacts D - Miniature, rectangular, solder termination E, A, B, C, D See page 305 SERIES PREFIX CONTACT ARRANGEMENTS SHELL SIZE (one piece shell) SERIES PREFIX ONE (1) PIECE SHELL SHELL SIZE CONTACT ARRANGEMENTS FILTER TYPE FILTER TYPE PRINTED CIRCUIT CONTACTS CONTACT TERMINATION MODIFIER Description Available Filter Low Freq. Freq. MHz Filter Type Attenuation (dB) 0.1 1 2 10 100 500 to 10,000 2 min. 15 min. 20 min. 35 min. 60 min. 65 min. Pi - 2 min. 5 min. 15 min. 55 min. 60 min. Pi - - 2 min. 9 min. 50 min. 55 min. Pi - - 2 min. 30 min. 50 min. Pi L 100 VDC 200 VDC 7.5 300 VDC 5000 megohms minimum 50,000 minimum Mid Freq. Std Freq. High Freq. Contacts Copper alloy Aluminum alloy 6061-T6 per QQ-A-225/8 or QQ-A-200/8 Gold plate per MIL-G-45204 Type 1, Class 1 Electroless nickel per MIL-C-26074 None None Silver plate Polyphenylene Sulfide/ Epoxy Epoxy Beryllium Copper Shell Insulator: Socket Pin Ground Spring M T H 7.5 7.5 7.5 500 VDC 500 VDC 500 VDC 10,000 megohms minimum 10,000 megohms minimum 10,000 megohms minimum 7200 12,000 3000 5,000 780 1,300 Catalog Indication - letter Voltage Rating (working) Current Rating (amp DC) Insulation Resistance, 2 min. electrification time max. at 25˚C, and 100 VDC DWV, sea level, with 500 microamps max. charge/discharge Capacitance at 1 KHz, 0.1 V rms picofarads Attenuation per MIL-STD-220 @ 25˚C with no applied voltage or current. Material Finish CONTACT TYPE CONTACT TYPE CONTACT TERMINATION MODIFIER |
Numéro de pièce similaire - TD1B9MPP-C |
|
Description similaire - TD1B9MPP-C |