Moteur de recherche de fiches techniques de composants électroniques |
|
AD7746ARUZ-REEL Fiches technique(PDF) 6 Page - Analog Devices |
|
AD7746ARUZ-REEL Fiches technique(HTML) 6 Page - Analog Devices |
6 / 28 page AD7745/AD7746 Rev. 0 | Page 6 of 28 ABSOLUTE MAXIMUM RATINGS TA = 25°C, unless otherwise noted. Table 3. Parameter Rating Positive Supply Voltage VDD to GND −0.3 V to +6.5 V Voltage on any Input or Output Pin to GND –0.3 V to VDD + 0.3 V ESD Rating (ESD Association Human Body Model, S5.1) 2000 V Operating Temperature Range –40°C to +125°C Storage Temperature Range –65°C to +150°C Junction Temperature 150°C TSSOP Package θ JA , (Thermal Impedance-to-Air) 128°C/W TSSOP Package θ JC , (Thermal Impedance-to-Case) 14°C/W Lead Temperature, Soldering Vapor Phase (60 sec) 215°C Infrared (15 sec) 220°C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ESD CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. |
Numéro de pièce similaire - AD7746ARUZ-REEL |
|
Description similaire - AD7746ARUZ-REEL |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |