Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7393BCPZ-REEL Fiches technique(PDF) 4 Page - Analog Devices

No de pièce ADV7393BCPZ-REEL
Description  Low Power, Chip Scale 10-Bit SD/HD Video Encoder
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7393BCPZ-REEL Fiches technique(HTML) 4 Page - Analog Devices

  ADV7393BCPZ-REEL Datasheet HTML 1Page - Analog Devices ADV7393BCPZ-REEL Datasheet HTML 2Page - Analog Devices ADV7393BCPZ-REEL Datasheet HTML 3Page - Analog Devices ADV7393BCPZ-REEL Datasheet HTML 4Page - Analog Devices ADV7393BCPZ-REEL Datasheet HTML 5Page - Analog Devices ADV7393BCPZ-REEL Datasheet HTML 6Page - Analog Devices ADV7393BCPZ-REEL Datasheet HTML 7Page - Analog Devices ADV7393BCPZ-REEL Datasheet HTML 8Page - Analog Devices ADV7393BCPZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 96 page
background image
ADV7390/ADV7391/ADV7392/ADV7393
Rev. 0 | Page 4 of 96
DETAILED FEATURES
High definition (HD) programmable features
(720p/1080i/1035i)
4× oversampling (297 MHz)
Internal test pattern generator
Color and black bar, hatch, flat field/frame
Fully programmable YCrCb to RGB matrix
Gamma correction
Programmable adaptive filter control
Programmable sharpness filter control
CGMS (720p/1080i) and CGMS Type B (720p/1080i)
Dual data rate (DDR) input support
EIA/CEA-861B compliance support
Enhanced definition (ED) programmable features
(525p/625p)
8× oversampling (216 MHz output)
Internal test pattern generator
Color and black bar, hatch, flat field/frame
Individual Y and PrPb output delay
Gamma correction
Programmable adaptive filter control
Fully programmable YCrCb to RGB matrix
Undershoot limiter
Macrovision Rev 1.2 (525p/625p)
CGMS (525p/625p) and CGMS Type B (525p)
Dual data rate (DDR) input support
EIA/CEA-861B compliance support
Standard definition (SD) programmable features
16× oversampling (216 MHz)
Internal test pattern generator
Color and black bar
Controlled edge rates for start and end of active video
Individual Y and PrPb output delay
Undershoot limiter
Gamma correction
Digital noise reduction (DNR)
Multiple chroma and luma filters
Luma-SSAF™ filter with programmable gain/attenuation
PrPb SSAF™
Separate pedestal control on component and
composite/S-Video output
VCR FF/RW sync mode
Macrovision Rev 7.1.L1
Copy generation management system (CGMS)
Wide screen signaling (WSS)
Closed captioning
EIA/CEA-861B compliance support
GENERAL DESCRIPTION
The ADV7390/ADV7391/ADV7392/ADV7393 are a family of
high speed, digital-to-analog video encoders on single
monolithic chips. Three 2.7 V/3.3 V 10-bit video DACs provide
support for composite (CVBS), S-Video (YC), or component
(YPrPb/RGB) analog outputs in either standard-definition (SD)
or high-definition (HD) video formats.
Optimized for low power operation, occupying a minimal
footprint and requiring few external components, these
encoders are ideally suited to portable and power sensitive
applications requiring TV-Out functionality. Cable detection
and DAC auto power-down features ensure that power
consumption is kept to a minimum.
The ADV7390/ADV7391 have an 8-bit video input port that
supports SD video formats over a SDR interface and HD video
formats over a DDR interface.
The ADV7392/ADV7393 have a 16-bit video input port that
can be configured in a variety of ways. SD RGB input is
supported.
All members of the family support embedded EAV/SAV timing
codes, external video synchronization signals and the I2C and
SPI communication protocols.
Table 1 lists the video standards directly supported by the
ADV739x family.
Table 1. Standards Directly Supported by the ADV739x1
Resolution
I/P2
Frame
Rate (Hz)
Clock Input
(MHz)
Standard
720 × 240
P
59.94
27
720 × 288
P
50
27
720 × 480
I
29.97
27
ITU-R
BT.601/656
720 × 576
I
25
27
ITU-R
BT.601/656
720 × 480
I
29.97
24.54
NTSC Square
Pixel
720 × 576
I
25
29.5
PAL Square
Pixel
720 × 483
P
59.94
27
SMPTE 293M
720 × 483
P
59.94
27
BTA T-1004
720 × 483
P
59.94
27
ITU-R BT.1358
720 × 576
P
50
27
ITU-R BT.1358
720 × 483
P
59.94
27
ITU-R BT.1362
720 × 576
P
50
27
ITU-R BT.1362
1920 × 1035
I
30
74.25
SMPTE 240M
1920 × 1035
I
29.97
74.1758
SMPTE 240M
1280 × 720
P
60, 50, 30,
25, 24
74.25
SMPTE 296M
1280 × 720
P
23.97,
59.94, 29.97
74.1758
SMPTE 296M
1920 × 1080
I
30, 25
74.25
SMPTE 274M
1920 × 1080
I
29.97
74.1758
SMPTE 274M
1920 × 1080
P
30, 25, 24
74.25
SMPTE 274M
1920 × 1080
P
23.98, 29.97
74.1758
SMPTE 274M
1920 × 1080
P
24
74.25
ITU-R BT.709-
5
1 Other standards are supported in the ED/HD nonstandard timing mode.
2 I = interlaced, P = progressive.


Numéro de pièce similaire - ADV7393BCPZ-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7393 AD-ADV7393_15 Datasheet
1Mb / 108P
   Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
More results

Description similaire - ADV7393BCPZ-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7391 AD-ADV7391_15 Datasheet
1Mb / 108P
   Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
ADV7393 AD-ADV7393_15 Datasheet
1Mb / 108P
   Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
ADV7390 AD-ADV7390_15 Datasheet
1Mb / 108P
   Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
ADV7392 AD-ADV7392_15 Datasheet
1Mb / 108P
   Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
logo
Asahi Kasei Microsystem...
AK8826VN AKM-AK8826VN Datasheet
1Mb / 157P
   HD/SD Multi Format Video Encoder with 3ch DAC
AK8826 AKM-AK8826 Datasheet
1Mb / 157P
   HD/SD Multi Format Video Encoder with 3ch DAC
AK8825 AKM-AK8825 Datasheet
1Mb / 162P
   HD/SD Multi Format Video Encoder with 3ch DAC
logo
M/A-COM Technology Solu...
M21350 MA-COM-M21350 Datasheet
233Kb / 2P
   3G/HD/SD-SDI Low Power Quad Video Reclocker
M21355 MA-COM-M21355 Datasheet
228Kb / 2P
   3G/HD/SD-SDI Low Power Quad Video Reclocker
logo
Analog Devices
ADV7179BCPZ AD-ADV7179BCPZ Datasheet
550Kb / 52P
   Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com