Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7390BCPZ Fiches technique(PDF) 7 Page - Analog Devices

No de pièce ADV7390BCPZ
Description  Low Power, Chip Scale 10-Bit SD/HD Video Encoder
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7390BCPZ Fiches technique(HTML) 7 Page - Analog Devices

Back Button ADV7390BCPZ Datasheet HTML 3Page - Analog Devices ADV7390BCPZ Datasheet HTML 4Page - Analog Devices ADV7390BCPZ Datasheet HTML 5Page - Analog Devices ADV7390BCPZ Datasheet HTML 6Page - Analog Devices ADV7390BCPZ Datasheet HTML 7Page - Analog Devices ADV7390BCPZ Datasheet HTML 8Page - Analog Devices ADV7390BCPZ Datasheet HTML 9Page - Analog Devices ADV7390BCPZ Datasheet HTML 10Page - Analog Devices ADV7390BCPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 96 page
background image
ADV7390/ADV7391/ADV7392/ADV7393
Rev. 0 | Page 7 of 96
DIGITAL TIMING SPECIFICATIONS
VDD = 1.71 V to 1.89 V, PVDD = 1.71 V to 1.89 V, VAA = 2.6 V to 3.465 V, VDD_IO = 2.97 V to 3.63 V.
All specifications TMIN to TMAX (−40°C to +85°C), unless otherwise noted.
Table 7.
Parameter
Conditions1
Min
Typ
Max
Unit
VIDEO DATA AND VIDEO CONTROL PORT2, 3
Data Input Setup Time, t114
SD
2.1
ns
ED/HD-SDR
2.3
ns
ED/HD-DDR
2.3
ns
ED (at 54 MHz)
1.7
ns
Data Input Hold Time, t124
SD
1.0
ns
ED/HD-SDR
1.1
ns
ED/HD-DDR
1.1
ns
ED (at 54 MHz)
1.0
ns
Control Input Setup Time, t114
SD
2.1
ns
ED/HD-SDR or ED/HD-DDR
2.3
ns
ED (at 54 MHz)
1.7
ns
Control Input Hold Time, t124
SD
1.0
ns
ED/HD-SDR or ED/HD-DDR
1.1
ns
ED (at 54 MHz)
1.0
ns
Control Output Access Time, t134
SD
12
ns
ED/HD-SDR, ED/HD-DDR, or ED (at 54 MHz)
10
ns
Control Output Hold Time, t144
SD
4.0
ns
ED/HD-SDR, ED/HD-DDR, or ED (at 54 MHz)
3.5
ns
PIPELINE DELAY5
SD1
CVBS/YC Outputs (2×)
SD oversampling disabled
68
clock cycles
CVBS/YC Outputs (8×)
SD oversampling disabled
79
clock cycles
CVBS/YC Outputs (16×)
SD oversampling enabled
67
clock cycles
Component Outputs (2×)
SD oversampling disabled
78
clock cycles
Component Outputs (8×)
SD oversampling disabled
69
clock cycles
Component Outputs (16×)
SD oversampling enabled
84
clock cycles
ED1
Component Outputs (1×)
ED oversampling disabled
41
clock cycles
Component Outputs (4×)
ED oversampling disabled
49
clock cycles
Component Outputs (8×)
ED oversampling enabled
46
clock cycles
HD1
Component Outputs (1×)
HD oversampling disabled
40
clock cycles
Component Outputs (2×)
HD oversampling disabled
42
clock cycles
Component Outputs (4×)
HD oversampling enabled
44
clock cycles
RESET CONTROL
RESET Low Time
100
ns
1 SD = standard definition, ED = enhanced definition (525p/625p), HD = high definition, SDR = single data rate, DDR = dual data rate.
2 Video Data: P[15:0] for ADV7392/ADV7393 or P[7:0] for ADV7390/ADV7391.
3 Video Control: HSYNC and VSYNC.
4 Guaranteed by characterization.
5 Guaranteed by design.


Numéro de pièce similaire - ADV7390BCPZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7390 AD-ADV7390_15 Datasheet
1Mb / 108P
   Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
More results

Description similaire - ADV7390BCPZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7391 AD-ADV7391_15 Datasheet
1Mb / 108P
   Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
ADV7393 AD-ADV7393_15 Datasheet
1Mb / 108P
   Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
ADV7390 AD-ADV7390_15 Datasheet
1Mb / 108P
   Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
ADV7392 AD-ADV7392_15 Datasheet
1Mb / 108P
   Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
logo
Asahi Kasei Microsystem...
AK8826VN AKM-AK8826VN Datasheet
1Mb / 157P
   HD/SD Multi Format Video Encoder with 3ch DAC
AK8826 AKM-AK8826 Datasheet
1Mb / 157P
   HD/SD Multi Format Video Encoder with 3ch DAC
AK8825 AKM-AK8825 Datasheet
1Mb / 162P
   HD/SD Multi Format Video Encoder with 3ch DAC
logo
M/A-COM Technology Solu...
M21350 MA-COM-M21350 Datasheet
233Kb / 2P
   3G/HD/SD-SDI Low Power Quad Video Reclocker
M21355 MA-COM-M21355 Datasheet
228Kb / 2P
   3G/HD/SD-SDI Low Power Quad Video Reclocker
logo
Analog Devices
ADV7179BCPZ AD-ADV7179BCPZ Datasheet
550Kb / 52P
   Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com