Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7392 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce ADV7392
Description  Low Power, Chip Scale 10-Bit SD/HD Video Encoder
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7392 Fiches technique(HTML) 11 Page - Analog Devices

Back Button ADV7392 Datasheet HTML 7Page - Analog Devices ADV7392 Datasheet HTML 8Page - Analog Devices ADV7392 Datasheet HTML 9Page - Analog Devices ADV7392 Datasheet HTML 10Page - Analog Devices ADV7392 Datasheet HTML 11Page - Analog Devices ADV7392 Datasheet HTML 12Page - Analog Devices ADV7392 Datasheet HTML 13Page - Analog Devices ADV7392 Datasheet HTML 14Page - Analog Devices ADV7392 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 96 page
background image
ADV7390/ADV7391/ADV7392/ADV7393
Rev. 0 | Page 11 of 96
CONTROL
OUTPUTS
PIXEL PORT
*LUMA/CHROMA CLOCK RELATIONSHIP CAN BE INVERTED USING SUBADDRESS 0x01, BITS 1 AND 2.
Y1
Cr0
Y0
Cb0
XY
00
00
3FF
CLKIN*
t9
t10
t12
t11
t12
t11
t14
t13
Figure 7. ED/HD-DDR Input, 8-/10-Bit 4:2:2 YCrCb (EAV/SAV), Input Mode 010
CLKIN
CONTROL
OUTPUTS
Y1
Cr0
Y0
Cb0
Cr2
Y2
Cb2
t9
t10
t12
t11
t13
t14
PIXEL PORT
HSYNC
VSYNC
CONTROL
INPUTS
Figure 8. ED (at 54 MHz) Input, 8-/10-Bit 4:2:2 YCrCb (HSYNC/VSYNC), Input Mode 111
CLKIN
CONTROL
OUTPUTS
3FF
00
00
XY
Cb0
Y0
Cr0
Y1
PIXEL PORT
t11
t12
t10
t9
t14
t13
Figure 9. ED (at 54 MHz) Input, 8-/10-Bit 4:2:2 YCrCb (EAV/SAV), Input Mode 111


Numéro de pièce similaire - ADV7392

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7392 AD-ADV7392_15 Datasheet
1Mb / 108P
   Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
More results

Description similaire - ADV7392

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7391 AD-ADV7391_15 Datasheet
1Mb / 108P
   Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
ADV7393 AD-ADV7393_15 Datasheet
1Mb / 108P
   Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
ADV7390 AD-ADV7390_15 Datasheet
1Mb / 108P
   Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
ADV7392 AD-ADV7392_15 Datasheet
1Mb / 108P
   Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
logo
Asahi Kasei Microsystem...
AK8826VN AKM-AK8826VN Datasheet
1Mb / 157P
   HD/SD Multi Format Video Encoder with 3ch DAC
AK8826 AKM-AK8826 Datasheet
1Mb / 157P
   HD/SD Multi Format Video Encoder with 3ch DAC
AK8825 AKM-AK8825 Datasheet
1Mb / 162P
   HD/SD Multi Format Video Encoder with 3ch DAC
logo
M/A-COM Technology Solu...
M21350 MA-COM-M21350 Datasheet
233Kb / 2P
   3G/HD/SD-SDI Low Power Quad Video Reclocker
M21355 MA-COM-M21355 Datasheet
228Kb / 2P
   3G/HD/SD-SDI Low Power Quad Video Reclocker
logo
Analog Devices
ADV7179BCPZ AD-ADV7179BCPZ Datasheet
550Kb / 52P
   Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com