Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7392 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce ADV7392
Description  Low Power, Chip Scale 10-Bit SD/HD Video Encoder
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7392 Fiches technique(HTML) 8 Page - Analog Devices

Back Button ADV7392 Datasheet HTML 4Page - Analog Devices ADV7392 Datasheet HTML 5Page - Analog Devices ADV7392 Datasheet HTML 6Page - Analog Devices ADV7392 Datasheet HTML 7Page - Analog Devices ADV7392 Datasheet HTML 8Page - Analog Devices ADV7392 Datasheet HTML 9Page - Analog Devices ADV7392 Datasheet HTML 10Page - Analog Devices ADV7392 Datasheet HTML 11Page - Analog Devices ADV7392 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 96 page
background image
ADV7390/ADV7391/ADV7392/ADV7393
Rev. 0 | Page 8 of 96
VIDEO PERFORMANCE SPECIFICATIONS
Table 8.
Parameter
Conditions
Min
Typ
Max
Unit
STATIC PERFORMANCE
Resolution
10
Bits
Integral Nonlinearity (INL)1
RSET = 510 Ω, RL = 37.5 Ω
0.5
LSBs
Differential Nonlinearity (DNL)1, 2
RSET = 510 Ω, RL = 37.5 Ω
0.5
LSBs
STANDARD DEFINTION (SD) MODE
Luminance Nonlinearity
0.5
±%
Differential Gain
NTSC
0.5
%
Differential Phase
NTSC
0.6
Degrees
Signal-to-Noise Ratio (SNR)3
Luma ramp
58
dB
Flat field full bandwidth
75
dB
ENHANCED DEFINITION (ED) MODE
Luma Bandwidth
12.5
MHz
Chroma Bandwidth
5.8
MHz
HIGH DEFINITION (HD) MODE
Luma Bandwidth
30.0
MHz
Chroma Bandwidth
13.75
MHz
1 Measured on DAC 1, DAC 2, and DAC 3.
2 Differential nonlinearity (DNL) measures the deviation of the actual DAC output voltage step from the ideal. For +ve DNL, the actual step value lies above the ideal
step value. For −ve DNL, the actual step value lies below the ideal step value.
3 Measured on the ADV7392/ADV7393 operating in 10-bit input mode.
POWER SPECIFICATIONS
Table 9.
Parameter
Conditions
Min
Typ
Max
Unit
NORMAL POWER MODE1, 2
IDD3
SD (16× oversampling enabled), CVBS
33
mA
SD (16× oversampling enabled), YPrPb
68
mA
ED (8× oversampling enabled)4
59
mA
HD (4× oversampling enabled)4
81
mA
IDD_IO
1
mA
IAA5
1 DAC enabled
50
mA
All DACs enabled
122
mA
IPLL
4
mA
SLEEP MODE
IDD
5
μA
IAA
0.3
μA
IDD_IO
0.2
μA
IPLL
0.1
μA
1 RSET = 510 Ω (all DACs operating in full-drive mode).
2 75% color bar test pattern applied to pixel data pins.
3 IDD is the continuous current required to drive the digital core.
4 Applicable to both single data rate (SDR) and dual data rate (DDR) input modes.
5 IAA is the total current required to supply all DACs.


Numéro de pièce similaire - ADV7392

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7392 AD-ADV7392_15 Datasheet
1Mb / 108P
   Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
More results

Description similaire - ADV7392

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7391 AD-ADV7391_15 Datasheet
1Mb / 108P
   Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
ADV7393 AD-ADV7393_15 Datasheet
1Mb / 108P
   Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
ADV7390 AD-ADV7390_15 Datasheet
1Mb / 108P
   Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
ADV7392 AD-ADV7392_15 Datasheet
1Mb / 108P
   Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
logo
Asahi Kasei Microsystem...
AK8826VN AKM-AK8826VN Datasheet
1Mb / 157P
   HD/SD Multi Format Video Encoder with 3ch DAC
AK8826 AKM-AK8826 Datasheet
1Mb / 157P
   HD/SD Multi Format Video Encoder with 3ch DAC
AK8825 AKM-AK8825 Datasheet
1Mb / 162P
   HD/SD Multi Format Video Encoder with 3ch DAC
logo
M/A-COM Technology Solu...
M21350 MA-COM-M21350 Datasheet
233Kb / 2P
   3G/HD/SD-SDI Low Power Quad Video Reclocker
M21355 MA-COM-M21355 Datasheet
228Kb / 2P
   3G/HD/SD-SDI Low Power Quad Video Reclocker
logo
Analog Devices
ADV7179BCPZ AD-ADV7179BCPZ Datasheet
550Kb / 52P
   Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com