Moteur de recherche de fiches techniques de composants électroniques |
|
ADV7391 Fiches technique(PDF) 6 Page - Analog Devices |
|
ADV7391 Fiches technique(HTML) 6 Page - Analog Devices |
6 / 96 page ADV7390/ADV7391/ADV7392/ADV7393 Rev. 0 | Page 6 of 96 DIGITAL INPUT/OUTPUT SPECIFICATIONS VDD = 1.71 V to 1.89 V, PVDD = 1.71 V to 1.89 V, VAA = 2.6 V to 3.465 V, VDD_IO = 2.97 V to 3.63 V. All specifications TMIN to TMAX (−40°C to +85°C), unless otherwise noted. Table 5. Parameter Conditions Min Typ Max Unit Input High Voltage, VIH 2.0 V Input Low Voltage, VIL 0.8 V Input Leakage Current, IIN VIN = VDD_IO ±10 μA Input Capacitance, CIN 4 pF Output High Voltage, VOH ISOURCE = 400 μA 2.4 V Output Low Voltage, VOL ISINK = 3.2 mA 0.4 V Three-State Leakage Current VIN = 0.4 V, 2.4 V ±1 μA Three-State Output Capacitance 4 pF MPU PORT TIMING SPECIFICATIONS VDD = 1.71 V to 1.89 V, PVDD = 1.71 V to 1.89 V, VAA = 2.6 V to 3.465 V, VDD_IO = 2.97 V to 3.63 V. All specifications TMIN to TMAX (−40°C to +85°C), unless otherwise noted. Table 6. Parameter Conditions Min Typ Max Unit MPU PORT, I2C MODE1 SCL Frequency 0 400 kHz SCL High Pulse Width, t1 0.6 μs SCL Low Pulse Width, t2 1.3 μs Hold Time (Start Condition), t3 0.6 μs Setup Time (Start Condition), t4 0.6 μs Data Setup Time, t5 100 ns SDA, SCL Rise Time, t6 300 ns SDA, SCL Fall Time, t7 300 ns Setup Time (Stop Condition), t8 See Figure 15 0.6 μs MPU PORT, SPI MODE1 SCLK Frequency 0 10 MHz SPI_SS to SCLK Setup Time, t1 20 ns SCLK High Pulse Width, t2 50 ns SCLK Low Pulse Width, t3 50 ns Data Access Time after SCLK Falling Edge, t4 35 ns Data Setup Time prior to SCLK Rising Edge, t5 20 ns Data Hold Time after SCLK Rising Edge, t6 0 ns SPI_SS to SCLK Hold Time, t7 0 ns SPI_SS to MISO High Impedance, t8 See Figure 16 40 ns 1 Guaranteed by characterization. |
Numéro de pièce similaire - ADV7391 |
|
Description similaire - ADV7391 |