Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB140DS24 Fiches technique(PDF) 1 Page - SIPAT Co,Ltd

No de pièce LB140DS24
Description  140MHz Low-loss SAW Filter 1.8MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIPAT [SIPAT Co,Ltd]
Site Internet  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LB140DS24 Fiches technique(HTML) 1 Page - SIPAT Co,Ltd

  LB140DS24 Datasheet HTML 1Page - SIPAT Co,Ltd LB140DS24 Datasheet HTML 2Page - SIPAT Co,Ltd LB140DS24 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LB140DS24
Rev. Date
2005-7-15
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
140MHz Low-loss SAW Filter
1.8MHz Bandwidth
Part Number: LB140DS24
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
139.95
140
140.05
Insertion Loss
dB
-
13
14
1 dB Bandwidth
MHz
1.2
1.28
-
3 dB Bandwidth
MHz
1.6
1.81
-
40 dB Bandwidth
MHz
-
3.64
3.75
Passband Variation
dB
-
0.4
1
Group delay VariationF0± 0.8MHz
nsec
-
60
-
Phase LinearityF0± 0.8MHz
degree
-
3
-
Ultimate Rejection
dB
40
42
-
Absolute Delay
usec
-
1.5
-
Material Temperature coefficient
KHz/°C
0.14
Ambient Temperature
°C
25
Package Size
SF-26
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=82nH
L2=68nH
L3=27nH
L4=22nH
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.


Numéro de pièce similaire - LB140DS24

FabricantNo de pièceFiches techniqueDescription
logo
SIPAT Co,Ltd
LB140DS24 SIPAT-LB140DS24 Datasheet
288Kb / 3P
   140MHz Low-loss SAW Filter
More results

Description similaire - LB140DS24

FabricantNo de pièceFiches techniqueDescription
logo
SIPAT Co,Ltd
LB140DS23 SIPAT-LB140DS23 Datasheet
288Kb / 3P
   140MHz Low-loss SAW Filter 4.5MHz Bandwidth
LB140DS16 SIPAT-LB140DS16 Datasheet
288Kb / 3P
   140MHz Low-loss SAW Filter 22MHz Bandwidth
LB140DS25 SIPAT-LB140DS25 Datasheet
298Kb / 3P
   140MHz Low-loss SAW Filter 1.75MHz Bandwidth
LB140DS22 SIPAT-LB140DS22 Datasheet
152Kb / 3P
   140MHz Low-loss SAW Filter 0.55MHz Bandwidth
LB140DS07 SIPAT-LB140DS07 Datasheet
146Kb / 3P
   140MHz Low-loss SAW Filter 7MHz Bandwidth
logo
Oscilent Corporation
813-SL140.0M-10 OSCILENT-813-SL140.0M-10_14 Datasheet
128Kb / 4P
   Low-Loss 140MHz IF SAW Filter 9.4MHz Bandwidth
813-SL140.0M-05 OSCILENT-813-SL140.0M-05_14 Datasheet
120Kb / 4P
   Low-Loss 140MHz IF SAW Filter 4.8MHz Bandwidth
813-SL140.0M-07 OSCILENT-813-SL140.0M-07_14 Datasheet
120Kb / 4P
   Low-Loss 140MHz IF SAW Filter 7.4MHz Bandwidth
813-SL140.0M-10B OSCILENT-813-SL140.0M-10B_14 Datasheet
118Kb / 4P
   Low-Loss 140MHz IF SAW Filter 9.1MHz Bandwidth
logo
SIPAT Co,Ltd
LBS11531 SIPAT-LBS11531 Datasheet
127Kb / 3P
   115MHz SAW Filter 1.8MHz Bandwidth
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com