Moteur de recherche de fiches techniques de composants électroniques |
|
AM29LV320MH120EF Fiches technique(PDF) 3 Page - SPANSION |
|
AM29LV320MH120EF Fiches technique(HTML) 3 Page - SPANSION |
3 / 59 page This Data Sheet states AMD’s current technical specifications regarding the Products described herein. This Data Sheet may be revised by subsequent versions or modifications due to changes in technical specifications. Publication# 26517 Rev: B Amendment/3 Issue Date: December 14, 2005 Refer to AMD’s Website (www.amd.com) for the latest information. Am29LV320MH/L 32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit ™ 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O ™ Control DISTINCTIVE CHARACTERISTICS ARCHITECTURAL ADVANTAGES Single power supply operation — 3 V for read, erase, and program operations VersatileI/O ™ control — Device generates data output voltages and tolerates data input voltages on the DQ inputs/outputs as determined by the voltage on the V IO pin; operates from 1.65 to 3.6 V Manufactured on 0.23 µm MirrorBit process technology SecSi ™ (Secured Silicon) Sector region — 128-word/256-byte sector for permanent, secure identification through an 8-word/16-byte random Electronic Serial Number, accessible through a command sequence — May be programmed and locked at the factory or by the customer Flexible sector architecture — Sixty-four 32 Kword/64-Kbyte sectors Compatibility with JEDEC standards — Provides pinout and software compatibility for single-power supply flash, and superior inadvertent write protection Minimum 100,000 erase cycle guarantee per sector 20-year data retention at 125 °C PERFORMANCE CHARACTERISTICS High performance — 90 ns access time — 25 ns page read times — 0.5 s typical sector erase time — 15 µs typical effective write buffer word programming time: 16-word/32-byte write buffer reduces overall programming time for multiple-word/byte updates — 4-word/8-byte page read buffer — 16-word/32-byte write buffer Low power consumption (typical values at 3.0 V, 5 MHz) — 13 mA typical active read current — 50 mA typical erase/program current — 1 µA typical standby mode current Package options — 56-pin TSOP — 64-ball Fortified BGA SOFTWARE & HARDWARE FEATURES Software features — Program Suspend & Resume: read other sectors before programming operation is completed — Erase Suspend & Resume: read/program other sectors before an erase operation is completed — Data# polling & toggle bits provide status — Unlock Bypass Program command reduces overall multiple-word programming time — CFI (Common Flash Interface) compliant: allows host system to identify and accommodate multiple flash devices Hardware features — Sector Group Protection: hardware-level method of preventing write operations within a sector group — Temporary Sector Unprotect: V ID-level method of changing code in locked sectors — WP#/ACC input: Write Protect input (WP#) protects first or last sector regardless of sector protection settings ACC (high voltage) accelerates programming time for higher throughput during system production — Hardware reset input (RESET#) resets device — Ready/Busy# output (RY/BY#) indicates program or erase cycle completion This product has been retired and is not available for designs. For new and current designs, S29GL032A supersedes Am29LV320M H/L and is the factory-recommended migration path. Please refer to the S29GL032A datasheet for specifications and ordering information. Availability of this document is retained for reference and historical purposes only. |
Numéro de pièce similaire - AM29LV320MH120EF |
|
Description similaire - AM29LV320MH120EF |