Moteur de recherche de fiches techniques de composants électroniques |
|
TD1C37MPH-C Fiches technique(PDF) 2 Page - ITT Industries |
|
TD1C37MPH-C Fiches technique(HTML) 2 Page - ITT Industries |
2 / 3 page www.ittcannon.com 305 Dimensions are shown in inches (millimeters). Dimensions subject to change. MIL-C-24308 Filter Connectors TD1* Contact Arrangements Contacts Shell Size Contact Arrangement Contact Size Shell Size Contact Arrangement\ Contact Size Straight Printed Circuit Right Angle Printed Circuit Face View Pin Insert E 9 #20 1 6 7 8 9 2 3 4 5 1 6 7 8 9 10 11 12 13 14 15 2 3 4 5 1 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 2 3 4 5 1 6 7 8 9 10 11 12 13 14 15 16 17 18 35 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 2 3 4 5 1 6 7 8 9 10 11 12 13 14 15 16 17 18 19 2 3 4 5 A 15 #20 B 25 #20 D 50 #20 Modifier H: .040 (1.02) Dia. terminals and accommodates up to 1/8 Max. thick P.C. boards. 300 + _ .028 (7.62 + _ 0.71) (.125 (3.18) PC BOARD) .125 + _ .010 (3.18 + _ .25) .125 + _ .010 (3.18 + _ .25) .112 + _ .015 (2.84 + _ .38) .112 + _ .015 (2.84 + _ .38) .112+ _ .015 (2.84 + _ .38) .715 + _ .010 (18.16 + _ .25) F 10˚TYP. 1.040 (26.42) MAX. ALL CONTACTS SKIVED APPROX. AS SHOWN (.042[1.07) MIN SOLDER POT I.D.) .065 (1.65) + _ .005 (0.13) J H A B D E C G TWO HOLES 120 + _ .005 (3.05 + _ 0.13)DIA. Rear View Shell Size 9P 9S 15P 15S 25P 25S 37P 37S 50P 50S 1.213 (30.81) 1.213 (30.81) 1.541 (39.14) 1.541 (39.14) 2.087 (53.01) 2.087 (53.01) 2.729 (69.32) 2.729 (69.32) 2.635 (66.93) 2.635 (66.93) .738 (18.75) .642 (16.31) 1.066 (27.08) .970 (24.64) 1.606 (40.79) 1.510 (38.35) 2.254 (57.25) 2.158 (54.81) 2.151 (54.64) 2.064 (52.43) .984 (24.99) .984 (24.99) 1.312 (33.32) 1.312 (33.32) 1.852 (47.04) 1.852 (47.04) 2.500 (63.50) 2.500 (63.50) 2.406 (61.11) 2.406 (61.11) .400 (10.16) .310 (7.87) .400 (10.16) .310 (7.87) .400 (10.16) .310 (7.87) .400 (10.16) .310 (7.87) .512 (13.00) .422 (10.72) .502 (12.75) .502 (12.75) .502 (12.75) .502 (12.75) .502 (12.75) .502 (12.75) .502 (12.75) .502 (12.75) .612 (15.54) .612 (15.54) .792 (20.12) .792 (20.12) 1.116 (28.35) 1.116 (28.35) 1.664 (42.27) 1.664 (42.27) 2.316 (58.83) 2.316 (58.83) 2.198 (55.83) 2.198 (55.83) .469 (11.91) .469 (11.91) .469 (11.91) .469 (11.91) .469 (11.91) .469 (11.91) .469 (11.91) .469 (11.91) .576 (14.63) .576 (14.63) .236 (5.99) .243 (6.17) .236 (5.99) .243 (6.17) .231 (5.87) .243 (6.17) .231 (5.87) .243 (6.17) .231 (5.87) .243 (6.17) .841 (21.36) .852 (21.64) .841 (21.36) .852 (21.64) .841 (21.36) .852 (21.64) .841 (21.36) .852 (21.64) .841 (21.36) .852 (21.64) A + _ .015 (0.38) B + _ .010 (0.25) C + _ .005 (0.13) D + _ .010 (0.25) E + _ .005 (0.13) F + _ .010 (0.25) G + _ .010 (0.25) H + _ .010 (0.25) J + _ .010 (0.25) Front View .715 + _ .010 (18.16 + _ .25) FOOT PRINT FROM FRONT OF MOUNTING FLANGE M: .030 (.76) Dia. terminals and accommodates up to 1/8 Max. thick P.C. boards. P: .030 (.76) Dia. terminals and accommodates P.C. boards up to 3/32 Max. Thickness. Modifier C 37 #20 Standard Shell Dimensions |
Numéro de pièce similaire - TD1C37MPH-C |
|
Description similaire - TD1C37MPH-C |