Moteur de recherche de fiches techniques de composants électroniques |
|
AM29F800T-150SC Fiches technique(PDF) 2 Page - Advanced Micro Devices |
|
AM29F800T-150SC Fiches technique(HTML) 2 Page - Advanced Micro Devices |
2 / 41 page 2 Am29F800T/Am29F800B 8/18/97 PR E L IM IN A R Y of the device is similar to reading from 12.0 Volt Flash or EPROM devices. The Am29F800 is programmed by executing the pro- gram command sequence. This will invoke the Embed- ded Program Algorithm which is an internal algorithm that automatically times the program pulse widths and verifies proper cell margin. Erase is accomplished by exe cu ting the erase co mmand se quence. This will invoke the Embedded Erase Algorithm which is an internal algorithm that automatically preprograms the array if it is not already programmed before executing the erase operation. During erase, the device automat- ically times the erase pulse widths and verifies proper cell margin. This device also features a sector erase architecture. This allows for sectors of memory to be erased and re- programmed without affecting the data contents of other sectors. A sector is typically erased and verified within 1.5 seconds. The Am29F800 is erased when shipped from the factory. The Am29F800 device also features hardware sector protection. This feature will disable both program and erase operations in any combination of nineteen sec- tors of memory. AMD has implemented an Erase Suspend feature that enables the user to put erase on hold for any period of time to read data from or program data to a sector that was not being erased. Thus, true background erase can be achieved. The device features single 5.0 Volt power supply oper- ation for both read and write functions. Internally generated and regulated voltages are provided for the program and erase operations. A low VCC detector au- tomatically inhibits write operations during power tran- sitions. The end of program or erase is detected by the RY/BY pin. Data Polling of DQ7, or by the Toggle Bit (DQ6). Once the end of a program or erase cycle has been completed, the device automatically resets to the read mode. The Am29F800 also has a hardware RESET pin. When this pin is driven low, execution of any Embed- ded Program Algorithm or Embedded Erase Algorithm will be terminated. The internal state machine will then be reset into the read mode. The RESET pin may be tied to the system reset circuitry. Therefore, if a system reset occurs during the Embedded Program Algorithm or Embedded Erase Algorithm, the device will be auto- matically reset to the read mode and will have errone- ous data stored in the address locations being operated on. These locations will need re-writing after the Reset. Resetting the device will enable the sys- tem’s microprocessor to read the boot-up firmware from the Flash memory. AMD’s Flash technology combines years of Flash memory manufacturing experience to produce the highest levels of quality, reliability and cost effective- ness. The Am29F800 memory electrically erases all bits within a sector simultaneously via Fowler-Nor- dhiem tunneling. The bytes/words are programmed one byte/word at a time using the EPROM program- ming mechanism of hot electron injection. |
Numéro de pièce similaire - AM29F800T-150SC |
|
Description similaire - AM29F800T-150SC |