Moteur de recherche de fiches techniques de composants électroniques |
|
AM49DL320BGT701 Fiches technique(PDF) 10 Page - SPANSION |
|
AM49DL320BGT701 Fiches technique(HTML) 10 Page - SPANSION |
10 / 64 page June 25, 2002 Am49DL320BG 9 P R E L I M I NARY ORDERING INFORMATION The order number (Valid Combination) is formed by the following:: Valid Combinations Valid Combinations list configurations planned to be supported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combi- nations Am49DL320 B G T 70 I T TAPE AND REEL T = 7 inches S = 13 inches TEMPERATURE RANGE I = Industrial (–40 °C to +85°C) SPEED OPTION See “Product Selector Guide” on page 5. BOOT CODE SECTOR ARCHITECTURE T = Top sector B = Bottom sector PROCESS TECHNOLOGY G = 0.17 µm PSEUDO SRAM DEVICE DENSITY B = 32Mbits AMD DEVICE NUMBER/DESCRIPTION Am49DL320BG Stacked Multi-Chip Package (MCP) Flash Memory and SRAM Am29DL320G 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2 M x 16-Bit) Static RAM with Page Mode Valid Combinations Order Number Package Markings Am49DL320BGT851 T,S M49000000H Am49DL320BGB851 T,S M49000001A Am49DL320BGT701 T,S M49000000G Am49DL320BGB701 T,S M49000001B |
Numéro de pièce similaire - AM49DL320BGT701 |
|
Description similaire - AM49DL320BGT701 |