Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AP130-19W Fiches technique(PDF) 1 Page - Anachip Corp

No de pièce AP130-19W
Description  300mA Low Dropout (LDO) Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANACHIP [Anachip Corp]
Site Internet  
Logo ANACHIP - Anachip Corp

AP130-19W Fiches technique(HTML) 1 Page - Anachip Corp

  AP130-19W Datasheet HTML 1Page - Anachip Corp AP130-19W Datasheet HTML 2Page - Anachip Corp AP130-19W Datasheet HTML 3Page - Anachip Corp AP130-19W Datasheet HTML 4Page - Anachip Corp AP130-19W Datasheet HTML 5Page - Anachip Corp AP130-19W Datasheet HTML 6Page - Anachip Corp AP130-19W Datasheet HTML 7Page - Anachip Corp AP130-19W Datasheet HTML 8Page - Anachip Corp AP130-19W Datasheet HTML 9Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AP130
300mA Low Dropout (LDO) Linear Regulator
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev. 1.0 May 7, 2004
1/9
Features
- Input voltage range is up to 7V
- Dropout voltage 400mV at 300mA output current
- Guaranteed 300mA output current.
- Internal RON =1.5Ω PMOS draws no base current
- Low quiescent current 50µA
- Output voltage 2% accuracy, 1.5V to 5V with 0.1V
step
- Fast transient response
- Good load regulation
- Current limit and thermal shutdown protection
- 3 leads SOT89, TO92 and SOT23 packages
Applications
- Wireless Communication
- Battery Powered device
- CD-ROM, DVD, and LAN Card
- PC peripheral
General Descriptions
The AP130 is a 300mA, fixed output voltage, low
dropout linear regulator. The Device includes pass
element, error amplifier, band-gap, current-limit and
thermal shutdown circuitry. The characteristics of
low dropout voltage and less quiescent current
make it good for some critical current application,
for example, some battery powered devices. The
typical quiescent current is approximately 50µA
from zero to maximum load. Due to internal flexible
design, result in extensively fixed output voltage
versions and make it convenient to use for
applications.
Built-in
current-limit
and
thermal-shutdown functions prevent any fault
condition from IC damage.
Ordering Information
AP130 XX XX X X
Y : SOT89
YR : SOT89R
W: SOT23
R: SOT23R
Z : TO92
ZR : TO92R
Output voltage
Package
Packing
Blank:Tube
A : Taping
15 : 1.5V
25 : 2.5V
50 : 5.0V
Blank : Normal
L : Lead Free Package
Lead Free
Block Diagram
Current
Limit
Thermal
Shutdown
- +
IN
OUT
GND
1.08V
Error
Amp
Bandgap


Numéro de pièce similaire - AP130-19W

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
AP130-15PG-13 DIODES-AP130-15PG-13 Datasheet
161Kb / 8P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
AP130-15PG-7 DIODES-AP130-15PG-7 Datasheet
161Kb / 8P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
AP130-15PG-U DIODES-AP130-15PG-U Datasheet
161Kb / 8P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
AP130-15PL-13 DIODES-AP130-15PL-13 Datasheet
161Kb / 8P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
AP130-15PL-7 DIODES-AP130-15PL-7 Datasheet
161Kb / 8P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
More results

Description similaire - AP130-19W

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
AP130 DIODES-AP130_10 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
AP130-15WL-7 DIODES-AP130-15WL-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130 DIODES-AP130_11 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130-25SAG-7 DIODES-AP130-25SAG-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130-33WL-7 DIODES-AP130-33WL-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130 DIODES-AP130 Datasheet
161Kb / 8P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com