Moteur de recherche de fiches techniques de composants électroniques |
|
TPS73643DBVRG4 Fiches technique(PDF) 5 Page - Texas Instruments |
|
|
TPS73643DBVRG4 Fiches technique(HTML) 5 Page - Texas Instruments |
5 / 27 page www.ti.com PIN ASSIGNMENTS DCQ PACKAGE SOT223 (TOP VIEW) 1 2 3 4 5 IN OUT GND NR/FB EN DBV PACKAGE SOT23 (TOP VIEW) IN GND EN NR/FB OUT 1 2 3 4 5 TAB IS GND IN N/C N/C EN 8 7 6 5 OUT N/C NR/FB GND 1 2 3 4 DRB PACKAGE 3mm x 3mm SON (TOP VIEW) TPS736xx SBVS038K – SEPTEMBER 2003 – REVISED SEPTEMBER 2005 Terminal Functions SOT23 SOT223 3x3 SON (DBV) (DCQ) (DRB) NAME PIN NO. PIN NO. PIN NO. DESCRIPTION IN 1 1 8 Unregulated input supply GND 2 3 4, Pad Ground EN 3 5 5 Driving the enable pin (EN) high turns on the regulator. Driving this pin low puts the regulator into shutdown mode. Refer to the Shutdown section under Applications Information for more details. EN can be connected to IN if not used. NR 4 4 3 Fixed voltage versions only—connecting an external capacitor to this pin bypasses noise generated by the internal bandgap, reducing output noise to very low levels. FB 4 4 3 Adjustable voltage version only—this is the input to the control loop error amplifier, and is used to set the output voltage of the device. OUT 5 2 1 Output of the Regulator. There are no output capacitor requirements for stability. 5 |
Numéro de pièce similaire - TPS73643DBVRG4 |
|
Description similaire - TPS73643DBVRG4 |