Moteur de recherche de fiches techniques de composants électroniques |
|
KM1102A05QE Fiches technique(PDF) 3 Page - ITT Industries |
|
KM1102A05QE Fiches technique(HTML) 3 Page - ITT Industries |
3 / 4 page A–67 Dimensions are shown: Inches (mm) Specifications and dimensions subject to change www.ittcannon.com Third Angle Projection C&K KM Series Subminiature Pushbutton Switches BUSHING/ MOUNTING STYLE TERMINATIONS CONTACT MATERIAL SEAL PANEL MOUNTING PC MOUNTING 22 AWG insulated wire. 08 RIGHT ANGLE, PC THRU-HOLE A RIGHT ANGLE E EPOXY SEAL NONE NO SEAL WC WIRE LEAD 05 .110" QUICK CONNECT 02 PC THRU-HOLE RR 1/4-40 THREAD, .225" HIGH KM11 & KM33 models only. KM12 models only. KM12 models only. KM12 models only. KM11 models only. KM11 models only. UL style 1015. KM11 & KM33 models. * Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications. 1 STATIONARY CONTACTS & TERMINALS: Copper, with gold plate over nickel plate. MOVABLE CONTACT: Phosphor bronze or beryllium copper, with gold plate over nickel plate. 2 STATIONARY CONTACTS & TERMINALS: Copper, silver plated (standard with all termination options). MOVABLE CONTACT: Phosphor bronze or beryllium copper, silver plated. 3 STATIONARY CONTACTS & TERMINALS: Copper, with gold plate over nickel plate over silver plate. MOVABLE CONTACT: Phosphor bronze or beryllium copper, with gold plate over nickel plate over silver plate. NOTE: Any models supplied with Q or B contact material are RoHS compliant. For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. KM11, KM12 models when ordered with ‘Q’ contact material. A YES YES YES YES RoHS COMPLIANT * RoHS COMPATIBLE * RATINGS CONTACT AND TERMINAL MATERIAL OPTION CODE B Q GOLD 1 SILVER 2 POWER LOW LEVEL/DRY CIRCUIT 0.4 VA MAX. @ 20 V AC OR DC MAX. 0.25 AMPS @ 125 V AC OR DC (KM11, KM12) (UL) 1 AMP @ 125 V AC OR 28 V DC (KM33). |
Numéro de pièce similaire - KM1102A05QE |
|
Description similaire - KM1102A05QE |