Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMP1307 Fiches technique(PDF) 5 Page - Skyworks Solutions Inc.

No de pièce SMP1307
Description  Very Low Distortion Attenuator Plastic Packaged PIN Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SKYWORKS [Skyworks Solutions Inc.]
Site Internet  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMP1307 Fiches technique(HTML) 5 Page - Skyworks Solutions Inc.

  SMP1307 Datasheet HTML 1Page - Skyworks Solutions Inc. SMP1307 Datasheet HTML 2Page - Skyworks Solutions Inc. SMP1307 Datasheet HTML 3Page - Skyworks Solutions Inc. SMP1307 Datasheet HTML 4Page - Skyworks Solutions Inc. SMP1307 Datasheet HTML 5Page - Skyworks Solutions Inc. SMP1307 Datasheet HTML 6Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DATA SHEET • SMP1307 SERIES
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200045 Rev. A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • October 26, 2004
5
SOD-323
0.090 (2.30 mm) Min.
0.108 (2.74 mm) Max.
0.045 (1.15 mm) Min.
0.053 (1.35 mm) Max.
0.050
(1.25 mm) Max.
0.006
(0.15 mm) Typ.
0.008 (0.20 mm) Nom.
0.004 (0.10 mm) Max.
0.010 (0.25 mm) Min.
0.010
(0.25 mm) Min.
0.016
(0.40 mm) Max.
0.063 (1.60 mm) Min.
0.071 (1.80 mm) Max.
Cathode
Indicator
2
1
SOT-23
3
2
1
0.035 (0.89 mm) Min.
0.044 (1.12 mm) Max.
0.0005 (0.01 mm) Min.
0.004 (0.10 mm) Max.
0.012 (0.30 mm) Min.
0.020 (0.50 mm) Max.
0.003 (0.080 mm) Min.
0.008 (0.20 mm) Max.
8˚ Max.
0.022 (0.55 mm) Ref.
0.110 (2.80 mm) Min.
0.120 (3.04 mm) Max.
0.083 (2.10 mm) Min.
0.104 (2.64 mm) Max.
0.037 (0.95 mm) Ref.
0.047 (1.20 mm) Min.
0.055 (1.40 mm) Max.
0.076 (1.92 mm) Ref.
0.020 (0.51 mm) Ref.
SOT-5
0.110 (2.79 mm) Min.
0.118 (3.00 mm) Max.
0.014
(0.36 mm)
Min.
0.020
(0.51 mm)
Max.
0.102
(2.59 mm)
Min.
0.118
(3.00 mm)
Max.
0.060
(1.52 mm)
Min.
0.069
(1.75 mm)
Max.
0.037
(0.94 mm) Ref.
0.037
(0.94 mm) Ref.
12
3
4
5
0.004 (0.10 mm) Min.
0.024 (0.61 mm) Max.
0.134
(3.4 mm)
10˚ Max.
0.035
(0.89 mm)
Min.
0.057
(1.49 mm)
Max.
0.000 (0.00 mm) Min.
0.006 (0.15 mm) Max.
0.035 (0.89 mm) Min.
0.051 (1.30 mm) Max.
-50
-40
-30
-20
-10
0
0
0.5
1.0
1.5
2.0
Frequency (GHz)
VCTL = 20 V
VCTL = 15 V
VCTL = 10 V
VCTL = 5 V
VCTL = 0 V
SMP1307-027 Attenuation vs. Frequency


Numéro de pièce similaire - SMP1307

FabricantNo de pièceFiches techniqueDescription
logo
Alpha Industries
SMP1307 ALPHA-SMP1307 Datasheet
501Kb / 4P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1307-004LF SKYWORKS-SMP1307-004LF Datasheet
755Kb / 9P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
SMP1307-005LF SKYWORKS-SMP1307-005LF Datasheet
755Kb / 9P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
SMP1307-006LF SKYWORKS-SMP1307-006LF Datasheet
755Kb / 9P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
SMP1307-027LF SKYWORKS-SMP1307-027LF Datasheet
755Kb / 9P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
More results

Description similaire - SMP1307

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SMP1307 SKYWORKS-SMP1307_15 Datasheet
755Kb / 9P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1307 ALPHA-SMP1307 Datasheet
501Kb / 4P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1304 SKYWORKS-SMP1304 Datasheet
374Kb / 6P
   Low-Distortion Attenuator Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1304-005 ALPHA-SMP1304-005 Datasheet
500Kb / 4P
   Low Distortion Attenuator Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1304 SKYWORKS-SMP1304_15 Datasheet
775Kb / 8P
   Low-Distortion Attenuator Plastic Packaged PIN Diodes
SMP1345 SKYWORKS-SMP1345 Datasheet
168Kb / 6P
   Very Low Capacitance Plastic Packaged Silicon PIN Diodes
SMP1345 SKYWORKS-SMP1345_15 Datasheet
910Kb / 8P
   Very Low Capacitance, Plastic Packaged Silicon PIN Diodes
logo
Alpha Industries
SMP1302 ALPHA-SMP1302 Datasheet
496Kb / 3P
   Switch and Attenuator Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1302 SKYWORKS-SMP1302_15 Datasheet
1Mb / 11P
   Switch and Attenuator Plastic Packaged PIN Diodes
SMP1302 SKYWORKS-SMP1302 Datasheet
458Kb / 5P
   Switch and Attenuator Plastic Packaged PIN Diodes
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com