Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KM1201A05B Fiches technique(PDF) 3 Page - ITT Industries

No de pièce KM1201A05B
Description  Subminiature Pushbutton Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

KM1201A05B Fiches technique(HTML) 3 Page - ITT Industries

  KM1201A05B Datasheet HTML 1Page - ITT Industries KM1201A05B Datasheet HTML 2Page - ITT Industries KM1201A05B Datasheet HTML 3Page - ITT Industries KM1201A05B Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A–67
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
C&K KM Series
Subminiature Pushbutton Switches
BUSHING/ MOUNTING STYLE
TERMINATIONS
CONTACT MATERIAL
SEAL
PANEL MOUNTING
PC MOUNTING
22 AWG
insulated
wire.
08 RIGHT ANGLE, PC THRU-HOLE
A
RIGHT ANGLE
E
EPOXY SEAL
NONE
NO SEAL
WC WIRE LEAD
05 .110" QUICK CONNECT
02 PC THRU-HOLE
RR
1/4-40 THREAD, .225" HIGH
KM11 & KM33 models only.
KM12 models only.
KM12 models only.
KM12 models only.
KM11 models only.
KM11 models only.
UL style 1015.
KM11 & KM33 models.
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
1 STATIONARY CONTACTS & TERMINALS: Copper, with gold plate over nickel plate.
MOVABLE CONTACT: Phosphor bronze or beryllium copper, with gold plate over
nickel plate.
2 STATIONARY CONTACTS & TERMINALS: Copper, silver plated (standard with all
termination options).
MOVABLE CONTACT: Phosphor bronze or beryllium copper, silver plated.
3 STATIONARY CONTACTS & TERMINALS: Copper, with gold plate over nickel plate
over silver plate.
MOVABLE CONTACT: Phosphor bronze or beryllium copper, with gold plate over
nickel plate over silver plate.
NOTE: Any models supplied with Q or B contact material are RoHS compliant. For the
latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
KM11, KM12 models
when ordered with ‘Q’ contact material.
A
YES
YES
YES
YES
RoHS
COMPLIANT *
RoHS
COMPATIBLE *
RATINGS
CONTACT AND TERMINAL MATERIAL
OPTION
CODE
B
Q
GOLD 1
SILVER 2
POWER
LOW LEVEL/DRY CIRCUIT
0.4 VA MAX. @ 20 V AC OR DC MAX.
0.25 AMPS @ 125 V AC OR DC (KM11, KM12) (UL)
1 AMP @ 125 V AC OR 28 V DC (KM33).


Numéro de pièce similaire - KM1201A05B

FabricantNo de pièceFiches techniqueDescription
logo
C&K Components
KM120205BE CK-COMPONENTS-KM120205BE Datasheet
200Kb / 4P
   Subminiature Pushbutton Switches
KM1202A05BE CK-COMPONENTS-KM1202A05BE Datasheet
200Kb / 4P
   Subminiature Pushbutton Switches
KM1202A08BE CK-COMPONENTS-KM1202A08BE Datasheet
164Kb / 3P
   Subminiature Detect Switches
KM1202A08E CK-COMPONENTS-KM1202A08E Datasheet
164Kb / 3P
   Subminiature Detect Switches
KM1202ABE CK-COMPONENTS-KM1202ABE Datasheet
200Kb / 4P
   Subminiature Pushbutton Switches
More results

Description similaire - KM1201A05B

FabricantNo de pièceFiches techniqueDescription
logo
C&K Components
KM1202A05BE CK-COMPONENTS-KM1202A05BE Datasheet
200Kb / 4P
   Subminiature Pushbutton Switches
KM11 CK-COMPONENTS-KM11 Datasheet
239Kb / 4P
   Subminiature Pushbutton Switches
logo
Copal Electronics
AP_SERIES COPAL-AP_SERIES Datasheet
858Kb / 5P
   Subminiature Pushbutton Switches
logo
C&K Components
8500 CK-COMPONENTS-8500_V01 Datasheet
784Kb / 5P
   Subminiature Pushbutton Switches
KM CK-COMPONENTS-KM Datasheet
464Kb / 4P
   Subminiature Pushbutton Switches
8 Aug 22
logo
ITT Industries
8500 ITT-8500 Datasheet
585Kb / 5P
   Subminiature Pushbutton Switches
logo
C&K Components
8500 CK-COMPONENTS-8500 Datasheet
342Kb / 5P
   Subminiature Pushbutton Switches
logo
Copal Electronics
APE COPAL-APE Datasheet
407Kb / 4P
   Subminiature Pushbutton Switches
logo
Grayhill, Inc
38GWSP8M7RT GRAYHILL-38GWSP8M7RT Datasheet
379Kb / 4P
   Sealed Subminiature Pushbutton Switches
logo
GREATECS
HB15SKW01-5C-CB GREATECS-HB15SKW01-5C-CB Datasheet
150Kb / 2P
   Illuminated Subminiature Pushbutton Switches
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com