Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7764 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD7764
Description  24-Bit 312 kSPS 109dB ADC With On-Chip Buffers Serial Interface
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7764 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD7764 Datasheet HTML 7Page - Analog Devices AD7764 Datasheet HTML 8Page - Analog Devices AD7764 Datasheet HTML 9Page - Analog Devices AD7764 Datasheet HTML 10Page - Analog Devices AD7764 Datasheet HTML 11Page - Analog Devices AD7764 Datasheet HTML 12Page - Analog Devices AD7764 Datasheet HTML 13Page - Analog Devices AD7764 Datasheet HTML 14Page - Analog Devices AD7764 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Preliminary Technical Data
AD7764
Rev. PrC | Page 11 of 21
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 6
Figure 7
Figure 8
Figure 9
Figure 10
Figure 11


Numéro de pièce similaire - AD7764

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7764 AD-AD7764 Datasheet
1Mb / 32P
   24-Bit, 312 kSPS, 109 dB 誇-? ADC with On-Chip Buffers and Serial Interface
REV. 0
AD7764 AD-AD7764 Datasheet
2Mb / 24P
   24-Bit, 8.5 mW, 109 dB, 128/64/32 kSPS ADCs
REV. 0
AD7764 AD-AD7764 Datasheet
920Kb / 34P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
AD7764BRUZ AD-AD7764BRUZ Datasheet
1Mb / 32P
   24-Bit, 312 kSPS, 109 dB 誇-? ADC with On-Chip Buffers and Serial Interface
REV. 0
AD7764BRUZ AD-AD7764BRUZ Datasheet
920Kb / 34P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
More results

Description similaire - AD7764

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7764 AD-AD7764_07 Datasheet
1Mb / 32P
   24-Bit, 312 kSPS, 109 dB 誇-? ADC with On-Chip Buffers and Serial Interface
REV. 0
AD7765 AD-AD7765 Datasheet
330Kb / 21P
   24-Bit, 156 kSPS,112dB ADC, With On-Chip Buffers, Serial Interface
Rev. PrC
AD7763 AD-AD7763 Datasheet
688Kb / 32P
   24-Bit, 625 kSPS, 109 dB 誇-? ADC with On-Chip Buffers, Serial Interface
REV. 0
AD7765 AD-AD7765_07 Datasheet
1Mb / 32P
   24-Bit, 156 kSPS, 112 dB 誇-? ADC with On-Chip Buffers and Serial Interface
REV. 0
AD7763 AD-AD7763_15 Datasheet
822Kb / 33P
   24-Bit, 625 kSPS, 109 dB Sigma-Delta ADC with On-Chip Buffers, Serial Interface
REV. B
AD7763 AD-AD7763_17 Datasheet
642Kb / 33P
   Sigma-Delta ADC with On-Chip Buffers, Serial Interface
AD7764 AD-AD7764_15 Datasheet
1Mb / 33P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
REV. A
AD7764 AD-AD7764_17 Datasheet
920Kb / 34P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
AD7765 AD-AD7765_17 Datasheet
881Kb / 33P
   Sigma-Delta ADC On-Chip Buffers and Serial Interface
AD7762 AD-AD7762 Datasheet
591Kb / 28P
   625 kSPS, 24-Bit, 109 dB ADC With On-Chip Buffer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com