Moteur de recherche de fiches techniques de composants électroniques |
|
E121SD1ARE Fiches technique(PDF) 7 Page - ITT Industries |
|
E121SD1ARE Fiches technique(HTML) 7 Page - ITT Industries |
7 / 8 page Dimensions are shown: Inches (mm) Specifications and dimensions subject to change www.ittcannon.com Third Angle Projection A–25 C&K E020 Series Sealed Snap-acting Momentary Pushbutton Switches AVAILABLE HARDWARE TYPICAL APPLICATION Cap PART NO. 708901000 WHITE 708902000 BLACK 708903000 RED Material: Nylon Finish: Gloss Cap, Snap-fitting plunger PART NO. 894001000 WHITE 894002000 BLACK 894003000 RED Material: Nylon Finish: Gloss Cap, Snap-fitting plunger PART NO. 894101000 WHITE 894102000 BLACK 894103000 RED Material: Nylon Finish: Gloss Cap PART NO. 484601000 WHITE 484602000 BLACK 484603000 RED Material: Nylon Finish: Gloss PART NO. 798201000 WHITE 798202263 BLACK 798203000 RED Material: Nylon Finish: Matte Cap PART NO. 752701000 WHITE 752702000 BLACK 752703000 RED Material: Nylon Finish: Gloss Cap PART NO. 801801000 WHITE 801802000 BLACK 801803000 RED Material: Nylon Finish: Gloss .047" (1,19) PANEL THK. PART NO. 432501000 432502263 432503000 .062" (1,57) PANEL THK. PART NO. 432601000 432602263 432603000 .090" (2,29) PANEL THK. PART NO. 432701000 432702263 432703000 .125" (3,18) PANEL THK. PART NO. 432801000 WHITE 432802263 BLACK 432803000 RED NOTE: Other cap colors available, consult Customer Service Center. Frames snap into panel opening and are independent from switch mounting. Accurate positioning of the PC mounted switch relative to the panel opening is necessary to provide proper clearance between actuator and frame. Available in two basic styles and four panel thicknesses .047-.125 in. Material: Nylon. Finish: Matte. A .200 DIA. (5,08 ) .120 (3,05) .155 (3,94) |
Numéro de pièce similaire - E121SD1ARE |
|
Description similaire - E121SD1ARE |