Moteur de recherche de fiches techniques de composants électroniques |
|
SD03H0B Fiches technique(PDF) 1 Page - ITT Industries |
|
SD03H0B Fiches technique(HTML) 1 Page - ITT Industries |
1 / 3 page Dimensions are shown: Inch (mm ) Specifications and dimensions subject to change www.ittcannon.com I-9 I How To Order Complete part numbers for SD Series are shown on pages I–9 through I–11. All switches supplied in “OFF” position in rigid dispensing tubes or tape and reel packaging. Specifications SWITCH FUNCTION: SPST - 2, 3, 4, 5, 6, 7, 8, 9, 10 & 12 positions CONTACT RATING: Carry: 100 mA @ 50 V DC max. Switch: 0.1 mA @ 5 V DC min to 100 mA @ 25 V DC max. MECHANICAL AND ELECTRICAL LIFE: 2,000 make-and-break cycles at full load, each circuit. CONTACT RESISTANCE: Below 50 milliohms typ. initial @ 2-4 V DC, 100mA. INSULATION RESISTANCE: 109 ohms min. DIELECTRIC STRENGTH: 500 V RMS min. @ sea level between adjacent terminals. STORAGE TEMPERATURE: -40°C to 85°C. OPERATING TEMPERATURE: -20°C to 85°C. OPERATING FORCE: 100-700g inital. C&K SD Series Low Profile DIP Switches PACKAGING: Thru-hole switches supplied in rigid dispensing tubes in full-tube quantities only: this may effect order quantity. Surface mount switches available in tape and reel packaging by added ‘R’ to end of part number; 1,000 pieces per reel. Switch position 1 denotes pin number 1. All switch actuators in ‘OFF’ position, standard. Materials CASE & COVER: Thru-hole: polyester (PBT). Surface mount: (PPA), flame retardant (UL 94V-0). ACTUATOR: Nylon, flame retardant (UL 94V-0) CONTACTS: Copper alloy with gold plate. TERMINALS: Non-RoHS (K or KR ending part #’s) = Copper alloy with tin/lead plate. RoHS version (B or BR ending part #’s) = bright tin-plated BeCu. TERMINAL SEAL: All terminals insert molded. TAPE SEAL: Polyester NOTE: For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. Note: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center. Features/Benefits • Low profile design saves space • Thru-hole and surface mount models • Tape and reel packaging available • Sealed with top tape • RoHS compliant - options available Sealed Flush Actuator – With Top Tape, Thru-hole Terminals Process sealed - withstands soldering and cleaning processes 18 7 6 5 4 3 2 .010 TYP. (0,25) .023 TYP. (0,60) STANDOFF .027 (0,70) ACTUATOR TRAVEL .142 (3,62) .263 (6,68) DIM. 'A' SEE CHART .325 TYP. (8,25) .315 TYP. (8,00) .168 TYP. (4,30) .126 TYP. (3,20) .100 TYP. (2,54) .022 TYP. (0,55) .059 TYP. (1,50) PEELABLE TAPE SEAL ORIENTATION MARK .100 (2,54) TYP. .300 TYP. (7,6) Ø.038 (0,97) TYP. Typical Applications • Address switch for industrial controls • Logic switching for computers and peripherals • Function controlling for numerous applications ROHS TIN LEAD NO. QUANTITY PART NUMBER PART NUMBER POS. DIM. ‘A’ PER TUBE SD02H0B SD02H0K 2 .258 (6,55) 85 SD03H0B SD03H0K 3 .358 (9,09) 60 SD04H0B SD04H0K 4 .458 (11,63) 45 SD05H0B SD05H0K 5 .558 (14,17) 40 SD06H0B SD06H0K 6 .658 (16,71) 30 SD07H0B SD07H0K 7 .758 (19,25 25 SD08H0B SD08H0K 8 .858 (21,79) 25 SD09H0B SD09H0K 9 .958 (24,33) 20 SD10H0B SD10H0K 10 1.058 (26,87) 20 SD12H0B SD12H0K 12 1.258 (31,95) 15 Schematic SPST |
Numéro de pièce similaire - SD03H0B |
|
Description similaire - SD03H0B |