Moteur de recherche de fiches techniques de composants électroniques |
|
FDD12-512T4 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers |
|
FDD12-512T4 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 3 page DC-DC CONVERTER FDD12 SERIES 12W TRIPLE OUTPUT CHINFA ELECTRONICS IND., CO. LTD. ISO 9001 Certified www.chinfa.com sales@chinfa.com SPECIFICATION All Specifications Typical At Nominal Line, Full Load, 25 Unless Otherwise Noticed ℃ GENERAL SPECIFICATION * Switching frequency: ......................... * Isolation voltage: .............................. * Isolation resistance: .......................... * Operating ambient temperature: ......... * Storage temperature: ........................ * Max. Case temperature: ..................... * M.T.B.F.: .......................................... * Cooling: ........................................... * Transient recovery time: .................... * Temperature coefficient: .................... * Dimension: ...................................... >180KHz 1,500VDC >1G Ω(min.) -25 to +71℃ -40 to +100℃ 85℃ 661,100Hrs at @ GF40, according to MIL-HDBK-217F Free air convection 500µS, 25% load step change ±0.02% / ℃ 50.8 x 50.8 x 12mm INPUT SPECIFICATIONS * Input voltage range / frequency: ........ * Input filter: ....................................... 10 ~ 36VDC for 24V 18 ~ 72VDC for 48V LC type OUTPUT SPECIFICATIONS * Output voltage accuracy: ................... * Minimum load: .................................. * Load regulation: ............................... * Ripple & noise: ................................. * Efficiency: ........................................ * Derating: ......................................... * Case material: ................................. ±2% for +5V ±6% for ±12V & ±15V ±10% for +5V ±20% for ±12V & ±15V ±2% for +5V ±6% for ±12V & ±15V 20MHZ BW, Vout x ±1% mV p-p (max.) Up to 80%, see model list See table 1 Metal CONTROL AND PROTECTION * Remote on/off: ................................. ON : Open or 8 ~ 10VDC OFF : -0.3 ~ 2VDC |
Numéro de pièce similaire - FDD12-512T4 |
|
Description similaire - FDD12-512T4 |