Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA6205A1DGNR Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPA6205A1DGNR
Description  1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPA6205A1DGNR Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPA6205A1DGNR Datasheet HTML 3Page - Texas Instruments TPA6205A1DGNR Datasheet HTML 4Page - Texas Instruments TPA6205A1DGNR Datasheet HTML 5Page - Texas Instruments TPA6205A1DGNR Datasheet HTML 6Page - Texas Instruments TPA6205A1DGNR Datasheet HTML 7Page - Texas Instruments TPA6205A1DGNR Datasheet HTML 8Page - Texas Instruments TPA6205A1DGNR Datasheet HTML 9Page - Texas Instruments TPA6205A1DGNR Datasheet HTML 10Page - Texas Instruments TPA6205A1DGNR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
www.ti.com
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
20
20 k
50 100 200
500 1 k 2 k
5 k 10 k
f - Frequency - Hz
25 mW
125 mW
500 mW
VDD = 3.6 V
CI = 2 µF
RL = 8 Ω
C(Bypass) = 0 to 1 µF
Gain = 1 V/V
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
20
20 k
50 100 200
500 1 k 2 k
5 k 10 k
f - Frequency - Hz
15 mW
200 mW
75 mW
VDD = 2.5 V
CI = 2 µF
RL = 8 Ω
C(Bypass) = 0 to 1 µF
Gain = 1 V/V
VDD = 3.6 V
CI = 2 µF
RL = 16 Ω
C(Bypass) = 0 to 1 µF
Gain = 1 V/V
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
20
20 k
50 100 200
500 1 k 2 k
5 k 10 k
f - Frequency - Hz
25 mW
250 mW
125 mW
-100
0
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20 k
50 100 200
500 1 k 2 k
5 k 10 k
VDD = 3.6 V
VDD = 5 V
VDD =2. 5 V
f - Frequency - Hz
CI = 2 µF
RL = 8 Ω
C(Bypass) = 0.47 µF
Vp-p = 200 mV
Inputs ac-Grounded
Gain = 1 V/V
-100
0
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20 k
50 100 200
500 1 k 2 k
5 k 10 k
f - Frequency - Hz
VDD = 3.6 V
VDD = 5 V
VDD =2. 5 V
Gain = 5 V/V
CI = 2 µF
RL = 8 Ω
C(Bypass) = 0.47 µF
Vp-p = 200 mV
Inputs ac-Grounded
0.01
0.10
1
10
0
0.5
1
1.5
2
2.5
3
3.5
VDD = 2.5 V
VDD = 3.6 V
f = 1 kHz
PO = 200 mW
VIC - Common Mode Input Voltage - V
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1
2
3
4
5
VIC - Common Mode Input Voltage - V
f = 217 Hz
C(Bypass) = 0.47 µF
RL = 8 Ω
Gain = 1 V/V
VDD = 2.5 V
VDD = 3.6 V
VDD = 5 V
-100
0
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20 k
50 100 200
500 1 k 2 k
5 k 10 k
f - Frequency - Hz
VDD =2. 5 V
VDD = 5 V
VDD = 3.6 V
CI = 2 µF
RL = 8 Ω
Inputs Floating
Gain = 1 V/V
VDD = 3.6 V
CI = 2 µF
RL = 8 Ω
Inputs ac-Grounded
Gain = 1 V/V
-100
0
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20 k
50 100 200
500 1 k 2 k
5 k 10 k
f - Frequency - Hz
C(Bypass) = 0.1 µF
C(Bypass) = 0
C(Bypass) = 0.47 µF
C(Bypass) = 1 µF
TPA6205A1
SLOS490A – JULY 2006 – REVISED AUGUST 2006
TYPICAL CHARACTERISTICS (continued)
TOTAL HARMONIC DISTORTION +
TOTAL HARMONIC DISTORTION +
TOTAL HARMONIC DISTORTION +
NOISE
NOISE
NOISE
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 10.
Figure 11.
Figure 12.
TOTAL HARMONIC DISTORTION +
SUPPLY VOLTAGE REJECTION
SUPPLY VOLTAGE REJECTION
NOISE
RATIO
RATIO
vs
vs
vs
COMMON MODE INPUT VOLTAGE
FREQUENCY
FREQUENCY
Figure 13.
Figure 14.
Figure 15.
SUPPLY VOLTAGE REJECTION
SUPPLY VOLTAGE REJECTION
SUPPLY VOLTAGE REJECTION
RATIO
RATIO
RATIO
vs
vs
vs
FREQUENCY
FREQUENCY
COMMON MODE INPUT VOLTAGE
Figure 16.
Figure 17.
Figure 18.
7
Submit Documentation Feedback


Numéro de pièce similaire - TPA6205A1DGNR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6205A1DGNR TI-TPA6205A1DGNR Datasheet
995Kb / 26P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
TPA6205A1DGNR TI1-TPA6205A1DGNR Datasheet
1Mb / 38P
[Old version datasheet]   1.25-W Mono Fully Differential Audio Power Amplifier
TPA6205A1DGNR TI1-TPA6205A1DGNR Datasheet
1Mb / 38P
[Old version datasheet]   1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
TPA6205A1DGNR TI-TPA6205A1DGNR Datasheet
2Mb / 46P
[Old version datasheet]   TPA6205A1 1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
TPA6205A1DGNRG4 TI-TPA6205A1DGNRG4 Datasheet
995Kb / 26P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
More results

Description similaire - TPA6205A1DGNR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6205A1 TI-TPA6205A1_15 Datasheet
1Mb / 28P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
TPA6205A1 TI1-TPA6205A1_17 Datasheet
1Mb / 38P
[Old version datasheet]   1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
TPA6205A1 TI-TPA6205A1_07 Datasheet
995Kb / 26P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
SLOS490TPA6205A1 TI-SLOS490TPA6205A1 Datasheet
2Mb / 46P
[Old version datasheet]   TPA6205A1 1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
logo
Eutech Microelectronics...
EUA6205 EUTECH-EUA6205 Datasheet
551Kb / 13P
   1.25-W Mono Fully Differential Audio Power Amplifier with 1.8V Input Logic Thresholds
logo
Texas Instruments
TPA6203A1 TI1-TPA6203A1_17 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6203 UTC-PA6203 Datasheet
189Kb / 6P
   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1 Datasheet
469Kb / 19P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_07 Datasheet
1Mb / 27P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com