Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7762 Fiches technique(PDF) 19 Page - Analog Devices

No de pièce AD7762
Description  625 kSPS, 24-Bit, 109 dB ADC With On-Chip Buffer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7762 Fiches technique(HTML) 19 Page - Analog Devices

Back Button AD7762 Datasheet HTML 15Page - Analog Devices AD7762 Datasheet HTML 16Page - Analog Devices AD7762 Datasheet HTML 17Page - Analog Devices AD7762 Datasheet HTML 18Page - Analog Devices AD7762 Datasheet HTML 19Page - Analog Devices AD7762 Datasheet HTML 20Page - Analog Devices AD7762 Datasheet HTML 21Page - Analog Devices AD7762 Datasheet HTML 22Page - Analog Devices AD7762 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AD7762
Rev. 0 | Page 19 of 28
SUPPLY DECOUPLING
DIFFERENTIAL AMPLIFIER COMPONENTS
Every supply pin must be connected to the appropriate supply
via a ferrite bead and decoupled to the correct ground pin with
a 100 nF, 0603 case size, X7R dielectric capacitor. There are two
exceptions to this:
The correct components for use around the on-chip differential
amplifier are detailed in Table 8. Matching the components on
both sides of the differential amplifier is important to minimize
distortion of the signal applied to the amplifier. A tolerance of
0.1% or better is required for these components. Symmetrical
routing of the tracks on both sides of the differential amplifier
also assists in achieving stated performance.
Pin 12 (AVDD4) must have a 10 Ω resistor inserted between
the pin and a 10 nF decoupling capacitor.
Pin 27 (AVDD2) does not require a separate decoupling
capacitor or a direct connection to the supply, but instead
is connected to Pin 14 via a 15 nH inductor.
LAYOUT CONSIDERATIONS
While using the correct components is essential to achieve
optimum performance, the correct layout is just as important.
The Design Tools section of the AD7762 product page on
the Analog Devices website contains the gerber files for the
AD7762 evaluation board. These files should be used as a
reference when designing any system using the AD7762.
ADDITIONAL DECOUPLING
There are two other decoupling pins on the AD7762—Pin 8
(DECAPA) and Pin 30 (DECAPB). Pin 8 should be decoupled
with a 100 nF capacitor, and Pin 30 requires a 33 pF capacitor.
The location and orientation of some of the components
mentioned in previous sections is critical, and particular
attention must be paid to the components which are located
close to the AD7762. Locating these components further away
from the devices can have a direct impact on the maximum
performance achievable.
REFERENCE VOLTAGE FILTERING
A low noise reference source, such as the ADR431 (2.5 V) or
ADR434 (4.096 V), is suitable for use with the AD7762. The
reference voltage supplied to the AD7762 should be decoupled
and filtered, as shown in Figure 30.
The recommended scheme for the reference voltage supply
is a 100 Ω series resistor connected to a 100 μF tantalum
capacitor, followed by series resistor of 10 Ω, and finally a
10 nF decoupling capacitor very close to the VREF+ pin.
The use of ground planes also should be carefully considered.
To ensure that the return currents through the decoupling
capacitors are flowing to the correct ground pin, the ground
side of the capacitors should be as close to the ground pin
associated with that supply. A ground plane should not be relied
on as the sole return path for decoupling capacitors because the
return current path using ground planes is not easily
predictable.
+12V
PIN10
VOUT
2
+VIN
6
4
C15
10
μF
C9
100nF
C10
100nF
R30
100
Ω
R17
10
Ω
+
C46
10nF
C11
100
μF
+
ADR434
GND
U3
Figure 30. Reference Connection


Numéro de pièce similaire - AD7762

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7762 AD-AD7762 Datasheet
2Mb / 24P
   24-Bit, 8.5 mW, 109 dB, 128/64/32 kSPS ADCs
REV. 0
AD7762 AD-AD7762 Datasheet
619Kb / 29P
   Sigma-Delta ADC With On-Chip Buffer
AD7762BSVZ AD-AD7762BSVZ Datasheet
619Kb / 29P
   Sigma-Delta ADC With On-Chip Buffer
AD7762BSVZ-REEL AD-AD7762BSVZ-REEL Datasheet
619Kb / 29P
   Sigma-Delta ADC With On-Chip Buffer
AD7762 AD-AD7762_15 Datasheet
799Kb / 29P
   625 kSPS, 24-Bit, 109 dB Sigma-Delta ADC With On-Chip Buffer
REV. A
More results

Description similaire - AD7762

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7762 AD-AD7762_15 Datasheet
799Kb / 29P
   625 kSPS, 24-Bit, 109 dB Sigma-Delta ADC With On-Chip Buffer
REV. A
AD7763 AD-AD7763 Datasheet
688Kb / 32P
   24-Bit, 625 kSPS, 109 dB 誇-? ADC with On-Chip Buffers, Serial Interface
REV. 0
AD7763 AD-AD7763_15 Datasheet
822Kb / 33P
   24-Bit, 625 kSPS, 109 dB Sigma-Delta ADC with On-Chip Buffers, Serial Interface
REV. B
AD7764 AD-AD7764_07 Datasheet
1Mb / 32P
   24-Bit, 312 kSPS, 109 dB 誇-? ADC with On-Chip Buffers and Serial Interface
REV. 0
AD7764 AD-AD7764_15 Datasheet
1Mb / 33P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
REV. A
AD7764 AD-AD7764_17 Datasheet
920Kb / 34P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
AD7766 AD-AD7766_15 Datasheet
1Mb / 25P
   24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
REV. C
AD7767 AD-AD7767_15 Datasheet
2Mb / 25P
   24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
REV. C
AD7760 AD-AD7760_15 Datasheet
958Kb / 37P
   2.5 MSPS, 24-Bit, 100 dB Sigma-Delta ADC with On-Chip Buffer
REV. A
AD7765 AD-AD7765_07 Datasheet
1Mb / 32P
   24-Bit, 156 kSPS, 112 dB 誇-? ADC with On-Chip Buffers and Serial Interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com