Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

EP11SD1ABE Fiches technique(PDF) 6 Page - ITT Industries

No de pièce EP11SD1ABE
Description  Sealed Tiny Pushbutton Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

EP11SD1ABE Fiches technique(HTML) 6 Page - ITT Industries

  EP11SD1ABE Datasheet HTML 1Page - ITT Industries EP11SD1ABE Datasheet HTML 2Page - ITT Industries EP11SD1ABE Datasheet HTML 3Page - ITT Industries EP11SD1ABE Datasheet HTML 4Page - ITT Industries EP11SD1ABE Datasheet HTML 5Page - ITT Industries EP11SD1ABE Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
A–12
C&K EP Series
Sealed Tiny Pushbutton Switches
AVAILABLE HARDWARE
TAPE & REEL
EP11FPDISAPE
EP11SDISAPE
.080
(2,03)
.310 DIA.
(7,87È)
.152
(3,86)
.155
(3,94)
.200 DIA.
(5,08È)
.100
(2,54)
For part number EPXX-SA
OUTSIDE DIAMETER
13.00 (330,0)
PILOT HOLE
.512 (13,0)
QUANTITY PER REEL
600
REEL INFORMATION
Cap
PART NO.
508101000
WHITE
508102000
BLACK
508103000
RED
Material: Nylon
Finish: Gloss
Not for use on S1 plunger
Cap
PART NO.
465801000
WHITE
465802000
BLACK
465803000
RED
Material: Nylon
Finish: Gloss
Not for use on S1 plunger
Cap
Compatible with snap-fitting plungers
EP11 & EP12 Models. R option only.
PART NO.
585A01000 WHITE
585A02000 BLACK
585A03000 RED
Material: Nylon
Finish: Gloss
Cap
Compatible with snap-fitting plungers
EP11 & EP12 Models. R option only.
PART NO.
785A01000 WHITE
785A02000 BLACK
785A03000 RED
Material: Nylon
Finish: Gloss
NOTE: Other colors available, consult Customer Service Center.
Third Angle
Projection
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
A
For part number EPXX-SA1
OUTSIDE DIAMETER
13.00 (330,0)
PILOT HOLE
.795 (20,20)
QUANTITY PER REEL
500
REEL INFORMATION


Html Pages

1  2  3  4  5  6 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
800A SEALED SUB-MINIATURE PUSHBUTTON SWITCHES 1  2  E-SWITCH
800B SEALED SUB-MINIATURE PUSHBUTTON SWITCHES 1  E-SWITCH
ES01MCBE Sealed Tiny Slide Switches 1  2  3  4  ITT Industries
E121SD1ABE Sealed Snap-acting Momentary Pushbutton Switches 1  2  3  4  5  More ITT Industries
E112SD1ABE Sealed Momentary Pushbutton Switches 1  2  3  4  5  More ITT Industries
TP11SHZQE Tiny Pushbutton Switches 1  2  3  4  5  More ITT Industries
GP11MCBE Sealed Ultraminiature Pushbutton Switches 1  2  3  4  ITT Industries
720 PUSHBUTTON SWITCHES 1  E-SWITCH
ES40-R Sealed Sub-Miniature Rocker Switches 1  2  3  DB Lectro Inc
ES40-T Sealed Sub-Miniature Toggle Switches 1  2  3  4  5  DB Lectro Inc

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn