Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

K1700A Fiches technique(PDF) 1 Page - MTRONPTI

No de pièce K1700A
Description  5V Temperature Compensated Voltage Controlled Crystal Oscillators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MTRONPTI [MTRONPTI]
Site Internet  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

K1700A Fiches technique(HTML) 1 Page - MTRONPTI

  K1700A Datasheet HTML 1Page - MTRONPTI K1700A Datasheet HTML 2Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
!
Applications: Phase Lock Loops
Clocking “Sync” to NTSC Video Standards;
Reference Signal; Signal Tracking; ATM
!
2.0 to 35.0 MHz Frequency Range
! ±10ppm Frequency Stability - (0oC to 70oC) K1710
! ±20ppm Frequency Stability - (-40oC to 85oC) K1720
!
-40°C to 85°C Operating Temperature
!
TTL/CMOS Compatible
!
Meets Stratum IV Stability Requirements
!
Hermetically Sealed Package
ELECTRICAL SPECIFICATIONS
2553 N. Edgington Street, Franklin Park, IL 60131 " Phone: 847.451.1000 " Fax: 847.451.7585
800-888-1499 or www.champtech.com
K17X
0AC
20.000
MHZ
CTI DA
TE CODE
7,49
mm
Max.
20,8
mm
Max.
13,2
mm
Max.
PIN 1
1
Model
K1710AC
Frequency Range (MHz)
Input Current (mA)
2.0 to 35
< 30
Frequency Control Function
Deviation (ppm)
Minimum (ppm)
Maximum
±120
Linearity (%)
±60
Modulation Bandwidth (±3dB)
Nominal Control Voltage (V)
Control Voltage Range (V)
Transfer Function
Input Impedance
< 10
> 20KHz
2.5
0.5 to 4.5
Positive
> 50K
Ω @ 10KHz
Frequency Stability (ppm)
Overall
0oC to 70oC
Temperature Range (oC)
Inclusive of Calibration, Temperature, Voltage, Load, Aging
±10
Operating
Storage
0oC to +70oC
-40oC to +85oC
Supply Voltage (V)
Start Up Time (ms)
+5.0V ±5%
<10
Typical SSB Phase Noise (dBC/Hz)
Offset from Carrier
10Hz
-65
100Hz
1KHz
10KHz
100KHz
-95
-120
-140
-150
(For Custom Deviation Range, Vc Range, etc. - Consult Factory)
-40oC to 85oC
Symmetry CMOS/TTL
45/55 < 16MHz; 40/60
≥ 16MHz
K1720ACM
-
±20
-
Aging, 10 Years
±3.0
-40oC to +85oC
PART NUMBERING GUIDE
K17X0AX - Specify Frequency
“Blank” = 0°C to 70°C Operating Temp.
“M” = -40°C to +85°C Operating Temp. K1720 Only
“1” = ±10ppm, 0°C to 70°C Operating Temp.
“2” = ±20ppm, -40°C to +85°C Operating Temp.
K1700A Series
5V Temperature Compensated Voltage Controlled Crystal Oscillators


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn