Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

E101J1ABE22 Fiches technique(PDF) 5 Page - ITT Industries

No de pièce E101J1ABE22
Description  Sealed Miniature Rocker and Lever Handle Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

E101J1ABE22 Fiches technique(HTML) 5 Page - ITT Industries

  E101J1ABE22 Datasheet HTML 1Page - ITT Industries E101J1ABE22 Datasheet HTML 2Page - ITT Industries E101J1ABE22 Datasheet HTML 3Page - ITT Industries E101J1ABE22 Datasheet HTML 4Page - ITT Industries E101J1ABE22 Datasheet HTML 5Page - ITT Industries E101J1ABE22 Datasheet HTML 6Page - ITT Industries E101J1ABE22 Datasheet HTML 7Page - ITT Industries E101J1ABE22 Datasheet HTML 8Page - ITT Industries E101J1ABE22 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
C&K E Series
Sealed Miniature Rocker and Lever Handle Switches
ACTUATOR–PC MOUNT
PC MOUNTING
Finish: Matte. Other colors, custom actuator
markings and legends available, consult
Customer Service Center.
NOTE: Hardware: two each—mounting screws,
nuts, lockwashers and standoffs for 1/8 inch
thick panel are supplied standard on switches
with panel mounting bracket. Internal o-ring
actuator seal standard. Actuators available
separately, see page H-37. Hardware available
seperately, see Technical Data section of this
catalog.
J3 actuators available with AV2, AV3
& V2-V61 terminations. Some permissible actua-
tor/termination combinations may lack clearance
between actuator and PC board, and care must
be exercised to accommodate this condition.
J50, J60 & J90 actuators available with
A, AV2, AV3, V2 – V61 terminations.
TERMINATIONS
Z
SOLDER LUG
C
PC THRU-HOLE
SPDT thru 3PDT
SPDT thru 3PDT
Not available with K, L, P, S, & R or M contact
materials. Available actuators, see page H-37.
ACTUATOR COLOR
ACTUATOR
J3
ROCKER
J50
ROCKER
J60
LEVER
J90
LEVER
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
H
H–30
2
BLACK
3
RED
ACTUATOR
COLOR
OPTION
CODE


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
9201J1ZQE2 Power Rocker and Lever Handle Switches 1  2  3  4  5  ITT Industries
DT12J12S215QA Miniature Double Pole Rocker Switches 1  2  3  4  ITT Industries
DA101J12S215QF Miniature Single Pole Rocker Switches 1  2  3  4  5  ITT Industries
DM14J72S205Q3 Miniature Illuminated Power Rocker Switches 1  2  3  4  ITT Industries
DM21J12S205Q Miniature 2 Pole Power Rocker Switches 1  2  3  4  ITT Industries
ET01J1ABE2 Sealed Subminiature Rocker Switches 1  2  3  4  5  More ITT Industries
100A PROCESS SEALED MINIATURE TOGGLE SWITCHES 1  2  3  4  E-SWITCH
ES40-R Sealed Sub-Miniature Rocker Switches 1  2  3  DB Lectro Inc
E101MD1ABE Sealed Miniature Toggle Switches 1  2  3  4  5  More ITT Industries