Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

E101J1ABE22 Fiches technique(PDF) 2 Page - ITT Industries

No de pièce E101J1ABE22
Description  Sealed Miniature Rocker and Lever Handle Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

E101J1ABE22 Fiches technique(HTML) 2 Page - ITT Industries

  E101J1ABE22 Datasheet HTML 1Page - ITT Industries E101J1ABE22 Datasheet HTML 2Page - ITT Industries E101J1ABE22 Datasheet HTML 3Page - ITT Industries E101J1ABE22 Datasheet HTML 4Page - ITT Industries E101J1ABE22 Datasheet HTML 5Page - ITT Industries E101J1ABE22 Datasheet HTML 6Page - ITT Industries E101J1ABE22 Datasheet HTML 7Page - ITT Industries E101J1ABE22 Datasheet HTML 8Page - ITT Industries E101J1ABE22 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
H–27
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
DPDT
2-1,5-4
N/A
OPEN
N/A
2-3,5-4
2-3,5-6
ON
NONE
ON
ON
OFF
ON
MOM.
OFF
MOM.
ON
OFF
MOM.
ON
NONE
MOM.
ON
ON
ON
ON
ON
MOM.
MOM.
ON
MOM.
E201
E203
E205
E207
E208
E211**
E213**
E215**
DP
SPDT
2-1
N/A
OPEN
N/A
2-3
ON
NONE
ON
ON
OFF
ON
MOM.
OFF
MOM.
ON
OFF
MOM.
ON
NONE
MOM.
E101
E103
E105
E107
E108
SP
SCHEMATIC
CONNECTED TERMINALS
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
POS. 1
POS. 2
POS. 3
MODEL
NO.
NO.
POLES
C&K E Series
Sealed Miniature Rocker and Lever Handle Switches
SWITCH FUNCTION
DPDT
SPDT
Part number shown: E101J1ZBE2
Part number shown: E201J1ZBE2
** Wiring for 3-way switch, Hardware available seperately, see Technical Data section of this catalog.
MOM. = Momentary
All models
with all options when ordered with G, L, M or Q contact material.
Terminal Nos.
For Reference Only
Terminal Nos.
For Reference Only
C&K marking on opposite side
C&K marking on opposite side
H


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
9201J1ZQE2 Power Rocker and Lever Handle Switches 1  2  3  4  5  ITT Industries
DT12J12S215QA Miniature Double Pole Rocker Switches 1  2  3  4  ITT Industries
DA101J12S215QF Miniature Single Pole Rocker Switches 1  2  3  4  5  ITT Industries
DM14J72S205Q3 Miniature Illuminated Power Rocker Switches 1  2  3  4  ITT Industries
DM21J12S205Q Miniature 2 Pole Power Rocker Switches 1  2  3  4  ITT Industries
ET01J1ABE2 Sealed Subminiature Rocker Switches 1  2  3  4  5  More ITT Industries
100A PROCESS SEALED MINIATURE TOGGLE SWITCHES 1  2  3  4  E-SWITCH
ES40-R Sealed Sub-Miniature Rocker Switches 1  2  3  DB Lectro Inc
E101MD1ABE Sealed Miniature Toggle Switches 1  2  3  4  5  More ITT Industries

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn